Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23C256 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT23C256
Description  CMOS 32Kx 8-Bit Mask ROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT23C256 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT23C256 Datasheet HTML 1Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 2Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 3Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 4Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 5Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 6Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 7Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings*
Supply Voltage ................................ –0.3V to 6V
Storage Temperature ................ –50
°C to 125°C
Input Voltage ....................... –0.3V to VCC+0.3V
Operating Temperature .............. –40
°C to 85°C
*Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Supply voltage: 2.7V~3.6V
Ta=–40
°C to 85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VCC
Conditions
VCC
Operating Voltage
—
—
2.7
—
3.6
V
ICC
Operating Current
3V
O/P Unload,
f= 5MHz
——
10
mA
VIL
Input Low Voltage
3V
—
VSS
—
0.4
V
VIH
Input High Voltage
3V
—
2.0
—
VCC
V
VOL
Output Low Voltage
3V
IOL= 2.1mA
—
—
0.4
V
VOH
Output High Voltage
3V
IOH= –0.4mA
2.4
—
VCC
V
ILI
Input Leakage Current
3V
VIN= 0 to VCC
——
10
µA
ILO
Output Leakage Current
3V
VOUT= 0 to VCC
——
10
µA
ISTB1
Standby Current
3V
CE=VIL
CE=VIH
——
500
µA
ISTB2
Standby Current
3V
CE
≤0.2V
CE
≥VCC-0.2V
——
10
µA
CIN
Input Capacitance (See note)
—
f= 1MHz
—
—
10
pF
COUT
Output Capacitance (See note)
—
f= 1MHz
—
—
10
pF
Note: These parameters are periodically sampled but not 100% tested.
HT23C256
3
24th Aug ’98



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com