Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23C256 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT23C256
Description  CMOS 32Kx 8-Bit Mask ROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT23C256 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT23C256 Datasheet HTML 1Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 2Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 3Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 4Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 5Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 6Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 7Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A.C. test conditions
Output load: see figure right
Input rise and fall time: 10ns
Input pulse levels: 0.4V to 2.4V
Input and output timing reference levels:
0.8V and 2.0V (VCC=5V), 1.5V (VCC=3V)
Timing Diagrams
• Propagation delay due to address (CE/CE/OE1/OE1 and OE/OE are active)
• Propagation delay due to chip enable and output enable (address valid)
Functional Description
The HT23C256 has two modes, namely data
read mode and standby mode, controlled by
CE/CE/OE1/OE1 and OE/OE/NC inputs.
• Standby mode
The HT23C256 has lower current consumption,
controlled by the chip enable input (CE/CE).
When a low/high level is applied to the CE/CE
input regardless of the output enable
(OE/OE/NC) states the chip will enter the
standby mode.
• Data read mode
When both the chip enable (CE/CE/OE/OE1)
and the output enable (OE/OE/NC) are active,
the chip is in data read mode. Otherwise,
active CE/CE and inactive OE/OE/NC result
in deselect mode. The output will remain in
Hi-Z state.
Output load circuit
HT23C256
5
24th Aug ’98



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com