Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC020 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT27LC020
Description  OTP CMOS 256Kx 8-Bit EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC020 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT27LC020 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Pin Assignment
Pin Description
Pin Name
I/O/C/P
Description
A0~A17
I
Address inputs
DQ0~DQ7
I/O
Data inputs/outputs
CE
C
Chip enable
OE
C
Output enable
PGM
C
Program strobe
NC
¾
No connection
VPP
P
Program voltage supply
Absolute Maximum Rating
Operation Temperature Commercial ............................................................................................................0
°Cto70°C
Storage Temperature.............................................................................................................................
-65°Cto125 °C
Applied VCC Voltage with Respect to GND...............................................................................................
-0.6V to 7.0V
Applied Voltage on Input Pin with Respect to GND....................................................................................
-0.6V to 7.0V
Applied Voltage on Output Pin with Respect to GND.........................................................................
-0.6V to VCC+0.5V
Applied Voltage on A9 Pin with Respect to GND .....................................................................................
-0.6V to 13.5V
Applied VPP Voltage with Respect to GND ..............................................................................................
-0.6V to 13.5V
Applied READ Voltage (Functionality is guaranteed between these limits) ..................................................3.0V to 3.6V
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT27LC020
Rev. 1.50
2
December 8, 2003
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
H T 2 7 L C 0 2 0
3 2 D I P - A / S O P - A
V C C
P G M
A 1 7
A 1 4
A 1 3
A 8
A 9
A 1 1
O E
A 1 0
C E
D Q 7
D Q 6
D Q 5
D Q 4
D Q 3
V P P
A 1 6
A 1 5
A 1 2
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
D Q 0
D Q 1
D Q 2
G N D
5
6
7
8
9
1 0
1 1
1 2
1 3
2 9
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 8
H T 2 7 L C 0 2 0
3 2 P L C C - A
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
D Q 0
A 1 4
A 8
A 9
A 1 1
A 1 0
D Q 7
A 1 3
C E
O E
1
2
3
4
5
6
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
A 1 1
A 9
A 8
A 1 3
A 1 4
A 1 7
P G M
V C C
V P P
A 1 6
A 1 5
A 1 2
A 7
A 6
A 5
A 4
O E
A 1 0
C E
D Q 7
D Q 6
D Q 5
D Q 4
D Q 3
G N D
D Q 2
D Q 1
D Q 0
A 0
A 1
A 2
A 3
H T 2 7 L C 0 2 0
3 2 T S O P - A
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com