Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC020 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT27LC020
Description  OTP CMOS 256Kx 8-Bit EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC020 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT27LC020 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
Read Operation
VOH
Output High Level
3.3V IOH=
-0.4mA
2.4
¾¾
V
VOL
Output Low Level
3.3V IOL=2.0mA
¾¾
0.45
V
VIH
Input High Level
3.3V
¾
2.0
¾
VCC+0.5
V
VIL
Input Low Level
3.3V
¾-0.3
¾
0.8
V
ILI
Input Leakage Current
3.3V VIN=0 to 3.6V
-5
¾
5
mA
ILO
Output Leakage Current
3.3V VOUT=0 to 3.6V
-10
¾
10
mA
ICC
VCC Active Current
3.3V
CE=VIL, f=5MHz,
IOUT=0mA
¾¾
15
mA
ISB1
Standby Current (CMOS)
3.3V CE=VCC
±0.3V
¾
1.0
10
mA
ISB2
Standby Current (TTL)
3.3V CE=VIH
¾¾
0.6
mA
IPP
VPP Read/Standby
Current
3.3V CE=OE=VIL,VPP=VCC
¾¾
100
mA
Programming Operation
VOH
Output High Level
6V
IOH=
-0.4mA
2.4
¾¾
V
VOL
Output Low Level
6V
IOL=2.0mA
¾¾
0.45
V
VIH
Input High Level
6V
¾
0.7VCC
¾
VCC+0.5
V
VIL
Input Low Level
6V
¾-0.5
¾
0.8
V
ILI
Input Load Current
6V
VIN=VIL,VIH
¾¾
5.0
mA
VH
A9 Product ID Voltage
6V
¾
11.5
¾
12.5
V
ICC
VCC Supply Current
6V
¾¾
¾
40
mA
IPP
VPP Supply Current
6V
CE=VIL
¾¾
10
mA
Capacitance
CIN
Input Capacitance
3.3V VIN=0V
¾
812
pF
COUT
Output Capacitance
3.3V VOUT=0V
¾
812
pF
CVPP
VPP Capacitance
3.3V VPP=0V
¾
18
25
pF
A.C. Characteristics
Ta=+25
°C±5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
Read Operation
tACC
Address to Output Delay
3.3V CE=OE=VIL
¾¾
90
ns
tCE
Chip Enable to Output Delay
3.3V OE=VIL
¾¾
90
ns
tOE
Output Enable to Output Delay
3.3V CE=VIL
¾¾
45
ns
tDF
CE or OE High to Output Float, Whichever
Occurred First
3.3V
¾¾
¾
40
ns
tOH
Output Hold from Address, CE or OE,
Whichever Occurred First
3.3V
¾
0
¾¾
ns
HT27LC020
Rev. 1.50
3
December 8, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com