Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT692 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT692
Description  318 Series of Decoders
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT692 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

  HT692 Datasheet HTML 1Page - Holtek Semiconductor Inc HT692 Datasheet HTML 2Page - Holtek Semiconductor Inc HT692 Datasheet HTML 3Page - Holtek Semiconductor Inc HT692 Datasheet HTML 4Page - Holtek Semiconductor Inc HT692 Datasheet HTML 5Page - Holtek Semiconductor Inc HT692 Datasheet HTML 6Page - Holtek Semiconductor Inc HT692 Datasheet HTML 7Page - Holtek Semiconductor Inc HT692 Datasheet HTML 8Page - Holtek Semiconductor Inc HT692 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Address/Data sequence
The following provides a table of address/data sequence for various models of the 318 series decoders. A
correct device should be selected according to the sindividual address and data requirements.
Part No.
Address/Data Bits
0~3
4
5
6~9
10
11
12
13
14
15
16
17
HT604L
A0~A3
A4
¾ A6~A9
¾
A11
D12
D13
D14
D15
¾¾
HT614
A0~A3
A4
¾ A6~A9
¾
A11
D12
D13
D14
D15
¾¾
HT692
A0~A3
¾¾ A6~A9
¾
A11
A12
¾
D14
D15
¾¾
Note: ²¾² is a dummy code which is left ²open² and not bonded out.
Oscillator frequency vs supply voltage
The recommended oscillator frequency is fOSCD (decoder) @ fOSCE (encoder)
HT604L/614/692
7
April 24, 2000
Ro s c ( 9 )
120k
150k
180k
220k
270k
330k
390k
470k
560k
680k
820k
1M
1. 5M
2M
V DD ( V D C)
3. 00
2.7 5
2.5 0
2.25
2.0 0
1. 75
1. 50
1. 25
( 100 k H z ) 1 . 0 0
0. 75
0. 50
0. 25
fo s c
( S cal e)
234
56
789
1 0
11
1212. 5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com