Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT692 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT692
Description  318 Series of Decoders
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT692 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT692 Datasheet HTML 1Page - Holtek Semiconductor Inc HT692 Datasheet HTML 2Page - Holtek Semiconductor Inc HT692 Datasheet HTML 3Page - Holtek Semiconductor Inc HT692 Datasheet HTML 4Page - Holtek Semiconductor Inc HT692 Datasheet HTML 5Page - Holtek Semiconductor Inc HT692 Datasheet HTML 6Page - Holtek Semiconductor Inc HT692 Datasheet HTML 7Page - Holtek Semiconductor Inc HT692 Datasheet HTML 8Page - Holtek Semiconductor Inc HT692 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Pin Assignment
Latch series
Momentary series
Pin Description
Pin Name I/O
Internal
Connection
Description
A0~A12
I
TRANSMISSION
GATE
Input pins for address A0~A12 setting
They can be externally set to VDD, VSS or left open.
D10~D17
O
CMOS OUT
Output data pins
DIN
I
CMOS IN
Serial data input pin
VT
O
CMOS OUT
Valid transmission, active high
OSC1
I
OSCILLATOR
Oscillator input pin
OSC2
O
OSCILLATOR
Oscillator output pin
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
Approximate internal connections
HT604L/614/692
3
April 24, 2000
10- A d d r e ss
4 - D a t a
H T 614
2 0 D I P/ SO P
A1 1
D1 2
D1 3
D1 4
D1 5
VT
DI N
OS C 2
OS C 1
VS S
1
2
3
4
5
6
7
8
9
10
VD D
A9
A8
A7
A6
A4
A3
A2
A1
A0
20
19
18
17
16
15
14
13
12
11
HT 6 9 2
18 D I P
10- A d d r e ss
2 - D a t a
A1 1
A1 2
D1 4
D1 5
VT
DI N
OS C 2
OS C 1
VS S
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
VD D
A9
A8
A7
A6
A3
A2
A1
A0
H T 604L
20 D I P / S O P
10- A d d r e ss
4 - D a t a
A1 1
D1 2
D1 3
D1 4
D1 5
VT
DI N
OS C 2
OS C 1
VS S
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VD D
A9
A8
A7
A6
A4
A3
A2
A1
A0
T R AN SM I S SI O N
GA T E
CM O S O UT
OS C I L L A T OR
OS C 1
OS C 2
CM O S I N
EN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com