Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC202A Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC202A
Description  3.5MHz, 500mA Step-down Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202A Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC202A Datasheet HTML 2Page - Semtech Corporation SC202A Datasheet HTML 3Page - Semtech Corporation SC202A Datasheet HTML 4Page - Semtech Corporation SC202A Datasheet HTML 5Page - Semtech Corporation SC202A Datasheet HTML 6Page - Semtech Corporation SC202A Datasheet HTML 7Page - Semtech Corporation SC202A Datasheet HTML 8Page - Semtech Corporation SC202A Datasheet HTML 9Page - Semtech Corporation SC202A Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SC202A
6
V
IN = 4.0V for VOUT = 3.3V, VIN = 3.6V for all others. CIN = 4.7µF, COUT = 10µF, TA = 25°C unless otherwise noted.
Frequency vs. Temperature
Temperature (°C)
1.0V
3.3V
3
3.1
3.2
3.3
3.4
3.5
3.6
-40
-20
0
20
40
60
80
100
2.8V
1.8V
VOUT = 1V, 1.8V, 2.8V, and 3.3V
Load Regulation (V
OUT = 1.8V)
Load Current (mA)
1.77
1.78
1.79
1.80
1.81
1.82
1.83
0
100
200
300
400
500
25°C
85°C
-40°C
-40°C
VIN (V)
IOUT = 200mA
25°C
85°C
1.77
1.78
1.79
1.80
1.81
1.82
1.83
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Line Regulation (V
OUT =1.8V)
VIN (V)
IOUT = 200mA
-40°C
25°C
85°C
76
79
82
85
88
91
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Efficiency vs. V
IN (VOUT =1.8V)
Typical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com