Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC202A Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC202A
Description  3.5MHz, 500mA Step-down Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202A Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC202A Datasheet HTML 11Page - Semtech Corporation SC202A Datasheet HTML 12Page - Semtech Corporation SC202A Datasheet HTML 13Page - Semtech Corporation SC202A Datasheet HTML 14Page - Semtech Corporation SC202A Datasheet HTML 15Page - Semtech Corporation SC202A Datasheet HTML 16Page - Semtech Corporation SC202A Datasheet HTML 17Page - Semtech Corporation SC202A Datasheet HTML 18Page - Semtech Corporation SC202A Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SC202A
16
Applications Information (continued)
calculating the minimum value required for C
IN using the
following equation.
f
ESR
I
V
V
V
1
V
V
C
OUT
IN
OUT
IN
OUT
IN
The input voltage ripple is at maximum level when the
input voltage is twice the output voltage (50% duty cycle
scenario).
The input capacitor provides a low impedance loop for
the edges of pulsed current drawn by the PMOS switch.
Low ESR/ESL X5R ceramic capacitors are recommended
for this function. To minimize stray inductance, the capaci-
tor should be placed as close as possible to the IN and
GND pins. Table 3 lists recommended input capacitor
options from different manufacturers.
Table 3 — Recommended Input Capacitors
Manufacturer
Part Nunber
Value
(μF)
Type
Rated
Voltage
(VDC)
Dimensions
LxWxH (mm)
Case Size
Murata
GRM188R60J475K
4.7±10%
X5R
6.3
1.6x0.8x0.8
0603
Murata
GRM188R60J106K
10±10%
X5R
6.3
1.6x0.8x0.8
0603
TaiyoYuden
JMK107BJ475KA
4.7±10%
X5R
6.3
1.6x0.8x0.8
0603
TDK
C1608X5R0J475KT
4.7±10%
X5R
6.3
1.6x0.8x0.8
0603
PCB Layout Considerations
The layout diagram in Figure 3 shows a recommended
PCB top-layer for the SC202A and supporting compo-
nents. Specified layout rules must be followed since the
layout is critical for achieving the performance specified in
the Electrical Characteristics table. Poor layout can
degrade the performance of the DC-DC converter and can
contribute to EMI problems, ground bounce, and resistive
voltage losses. Poor regulation and instability can also
result.
The following guidelines are recommended for designing
a PCB layout:
C
IN should be placed as close to the IN and GND pins
as possible. This capacitor provides a low impedance
loop for the pulsed currents present at the buck
converter’s input. Use short wide traces to minimize
trace impedance. This will also minimize EMI and
input voltage ripple by localizing the high frequency
current pulses.
C
OUT should be connected as closely as possible to the
OUT pin.
Use a ground plane referenced to the GND pin. Use
several vias to connect to the component side ground
to further reduce noise and interference on sensitive
circuit nodes.
Route the output voltage feedback/sense trace
(connected to the SNS pin) away from the LX node
as shown in Figure 3 to minimize noise and magnetic
interference.
Minimize the resistance from the OUT and GND pins
to the load. This will reduce errors in DC regulation
due to voltage drops in the traces.
The two smaller exposed pads on this package should
not be connected to any traces. The area beneath
these two pads must be kept clear so that they do
not make electrical contact with any traces, including
ground.
CIN
CTL2
CTL0
CTL1
CTL3
LX
(no
connection
needed)
SNS
GND
IN
OUT
3.8mm
3.5mm
SC202A
These pads should not
be electrically
connected to the PCB.
COUT
Figure 3 — Recommended PCB Layout
1.
2.
3.
4.
5.
6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com