Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2941-10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SD2941-10
Description  HF/VHF/UHF RF power N-channel MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2941-10 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SD2941-10 Datasheet HTML 2Page - STMicroelectronics SD2941-10 Datasheet HTML 3Page - STMicroelectronics SD2941-10 Datasheet HTML 4Page - STMicroelectronics SD2941-10 Datasheet HTML 5Page - STMicroelectronics SD2941-10 Datasheet HTML 6Page - STMicroelectronics SD2941-10 Datasheet HTML 7Page - STMicroelectronics SD2941-10 Datasheet HTML 8Page - STMicroelectronics SD2941-10 Datasheet HTML 9Page - STMicroelectronics SD2941-10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Impedance
SD2941-10
6/17
DocID11815 Rev 5
3
Impedance
Figure 2. Impedance data schematic
Table 7. Impedance data @ 28 V
fZIN (Ω)ZDL (100W)(Ω)ZDL (140W)(Ω)
123 MHz
1.2 - j 3.3
2.0 + j 1.4
2.0 + j 0.73
Table 8. Impedance data @ 50 V
fZIN (Ω)ZDL (Ω)
30 MHz
1.7 - j 5.7
6.8 + j 0.9
175 MHz
1.2 - j 2.0
2.0 + j 2.4
Typical Drain
Load Impedance
Typical Input
Impedance
G
Zin
ZDL
D
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com