Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2941-10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD2941-10
Description  HF/VHF/UHF RF power N-channel MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2941-10 Datasheet(HTML) 3 Page - STMicroelectronics

  SD2941-10 Datasheet HTML 1Page - STMicroelectronics SD2941-10 Datasheet HTML 2Page - STMicroelectronics SD2941-10 Datasheet HTML 3Page - STMicroelectronics SD2941-10 Datasheet HTML 4Page - STMicroelectronics SD2941-10 Datasheet HTML 5Page - STMicroelectronics SD2941-10 Datasheet HTML 6Page - STMicroelectronics SD2941-10 Datasheet HTML 7Page - STMicroelectronics SD2941-10 Datasheet HTML 8Page - STMicroelectronics SD2941-10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID11815 Rev 5
3/17
SD2941-10
Electrical data
17
1
Electrical data
1.1
Maximum rating
(TCASE = 25 °C)
Table 2. Absolute maximum rating
Symbol
Parameter
Value
Unit
V(BR)DSS
(1)
1.
TJ = 150 °C
Drain source voltage
130
V
VDGR
(1)
Drain-gate voltage (RGS = 1MΩ)130
V
VGS
Gate-source voltage
±20
V
ID
Drain current
20
A
PDISS
Power dissipation
389
W
TJ
Max. operating junction temperature
200
°C
TSTG
Storage temperature
-65 to +150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Junction to case thermal resistance
0.45
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com