Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6576A Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT6576A
Description  Advanced SCSI CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6576A Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT6576A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 9Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 10Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 11Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 12Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 13Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 14Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Target Receive (Non-block mode)
Name
Description
Min.
Max.
Unit
t1
ACK inactive to next REQ active
50
ns
t2
ACK active to REQ inactive
30
ns
t3
IOR inactive to next REQ active
50
ns
t4
Data Bus setup time to IOR active
20
ns
t5
Data Bus hold time from IOR inactive
10
ns
t6
IOR active time
30
ns
t7
DACK active to DRQ inactive
20
ns
t8
IOR inactive to DACK inactive
0
ns
HT6576A
13
14th July ’97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com