Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6576A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT6576A
Description  Advanced SCSI CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6576A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT6576A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
• BIT 4: ENABLE PARITY INTERRUPT
When set, this bit causes the IRQ signal to be asserted if a parity error is detected.
• BIT 3: ENABLE EOP INTERRUPT
When set, this bit causes the IRQ signal to be asserted if EOP is received from the DMA controller.
• BIT 2: MONITOR BUSY
When set, this bit causes the IRQ signa asserted when BSY changes to the inactive state for at
least a bus settle delay.
• BIT 1: DMA MODE
• BIT 0: Arbitrate
When set, this bit starts the arbitration process.
Address 3: Target command register
7
6
5
4
3
2
1
0
LAST BYTE
X
X
X
ASSERT
REQ
ASSERT
MSG
ASSERT
C/D
ASSERT
I/O
R
R/W
R/W
R/W
R/W
• BIT 7: LAST BYTE SEND (READ ONLY)
• BIT 3: ASSERT REQ
WHEN SET, THE REQ SIGNAL IS ASSERTED ON THE SCSI BUS (IN TARGET MODE)
• BIT 2: ASSERT MSG
WHEN SET, THE MSG SIGNAL IS ASSERTED ON THE SCSI BUS (IN TARGET MODE)
• BIT 1: ASSERT C/D
WHEN SET, THE C/D SIGNAL IS ASSERTED ON THE SCSI BUS (IN TARGET MODE)
• BIT 0: ASSERT I/O
WHEN SET, THE I/O SIGNAL IS ASSERTED ON THE SCSI BUS (IN TAGRTE MODE)
Address 4: Current SCSI Bus Register
READ
7
6
5
4
3
2
1
0
RST
BSY
REQ
MSG
C/D
I/O
SEL
DBP
WRITE
–SELECT ENABLE REGISTER
7
6
5
4
3
2
1
0
SID7
SID6
SID5
SID4
SID3
SID2
SID1
SID0
HT6576A
5
14th July ’97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com