Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB40N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB40N60M2
Description  N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB40N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB40N60M2 Datasheet HTML 3Page - STMicroelectronics STB40N60M2 Datasheet HTML 4Page - STMicroelectronics STB40N60M2 Datasheet HTML 5Page - STMicroelectronics STB40N60M2 Datasheet HTML 6Page - STMicroelectronics STB40N60M2 Datasheet HTML 7Page - STMicroelectronics STB40N60M2 Datasheet HTML 8Page - STMicroelectronics STB40N60M2 Datasheet HTML 9Page - STMicroelectronics STB40N60M2 Datasheet HTML 10Page - STMicroelectronics STB40N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID024932 Rev 3
7/21
STB40N60M2, STP40N60M2, STW40N60M2
Electrical characteristics
21
Figure 8. Gate charge vs gate-source voltage
Figure 9. Static drain-source on-resistance
Figure 10. Capacitance variations
Figure 11. Output capacitance stored energy
Figure 12. Normalized gate threshold voltage vs
temperature
Figure 13. Normalized on-resistance vs
temperature
VGS
6
4
2
0
0
20
Qg(nC)
(V)
60
8
30
40
10
VDD=480V
ID=34A
12
300
200
100
0
400
500
VDS
10
50
VDS
(V)
AM16102v1
RDS(on)
0.077
0.076
0.075
0
8
ID(A)
(
Ω)
4
12
0.078
VGS=10V
16
0.079
0.080
0.081
20
24
28
0.082
AM16103v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
10000
AM16104v1
Eoss
5
0
0
100
VDS(V)
(µJ)
400
200
300
500
600
10
15
AM16105v1
VGS(th)
0.9
0.8
0.7
0.6
TJ(°C)
(norm)
-50
1.0
ID=250µA
0
50
100
1.1
AM15718v1
RDS(on)
2.1
1.7
1.3
0.9
TJ(°C)
(norm)
0.5
-50
0
50
100
ID=17 A
AM15719v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com