Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB40N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB40N60M2
Description  N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB40N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STB40N60M2 Datasheet HTML 1Page - STMicroelectronics STB40N60M2 Datasheet HTML 2Page - STMicroelectronics STB40N60M2 Datasheet HTML 3Page - STMicroelectronics STB40N60M2 Datasheet HTML 4Page - STMicroelectronics STB40N60M2 Datasheet HTML 5Page - STMicroelectronics STB40N60M2 Datasheet HTML 6Page - STMicroelectronics STB40N60M2 Datasheet HTML 7Page - STMicroelectronics STB40N60M2 Datasheet HTML 8Page - STMicroelectronics STB40N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
May 2014
DocID024932 Rev 3
1/21
STB40N60M2, STP40N60M2,
STW40N60M2
N-channel 600 V, 0.078
Ω typ., 34 A MDmesh II Plus™ low Q
g
Power MOSFETs in D
2
PAK, TO-220 and TO-247 packages
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Lower R
DS(on)
x area vs previous generation
• Low gate input resistance
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
• LLC converters, resonant converters
Description
These devices are N-channel Power MOSFETs
developed using a new generation of MDmesh™
technology: MDmesh II Plus™ low Q
g
. These
revolutionary Power MOSFETs associate a
vertical structure to the company's strip layout to
yield one of the world's lowest on-resistance and
gate charge. They are therefore suitable for the
most demanding high efficiency converters.
AM01476v1
D2PAK
TO-220
TO-247
1
3
2
TAB
1
2
3
TAB
1
2
3
Order codes
VDS @ TJmax
RDS(on) max
ID
STB40N60M2
650 V
0.088
Ω
34 A
STP40N60M2
STW40N60M2
Table 1. Device summary
Order codes
Marking
Package
Packaging
STB40N60M2
40N60M2
D
2
PAK
Tape and reel
STP40N60M2
TO-220
Tube
STW40N60M2
TO-247
www.st.com


Similar Part No. - STB40N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB40N60M2 STMICROELECTRONICS-STB40N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
More results

Similar Description - STB40N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
28-May-2013
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
02-Oct-2013
STF28N60M2 STMICROELECTRONICS-STF28N60M2 Datasheet
827Kb / 15P
N-channel 600 V, 0.135 typ., 22 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAKFP packages
29-Jan-2014
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STF9N60M2 STMICROELECTRONICS-STF9N60M2 Datasheet
884Kb / 15P
N-channel 600 V, 0.72 ??typ., 5.5 A MDmesh II Plus??low Qg Power MOSFETs in TO-220FP and I2PAKFP packages
10-Mar-2014
STB24N60DM2 STMICROELECTRONICS-STB24N60DM2 Datasheet
1Mb / 21P
N-channel 600 V, 0.175 (ohm) typ., 18 A FDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
03-Mar-2014
STB42N60M2-EP STMICROELECTRONICS-STB42N60M2-EP Datasheet
393Kb / 20P
N-channel 600 V, 0.076 Ω typ., 34 A MDmesh™ M2 EP Power MOSFETs in D²PAK, TO-220 and TO-247 packages
20-Jan-2015
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
N-channel 600 V, 0.35 Ω typ., 11 A MDmesh II Plus™ low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
06-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com