Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD45N10F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD45N10F7
Description  N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD45N10F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD45N10F7 Datasheet HTML 3Page - STMicroelectronics STD45N10F7 Datasheet HTML 4Page - STMicroelectronics STD45N10F7 Datasheet HTML 5Page - STMicroelectronics STD45N10F7 Datasheet HTML 6Page - STMicroelectronics STD45N10F7 Datasheet HTML 7Page - STMicroelectronics STD45N10F7 Datasheet HTML 8Page - STMicroelectronics STD45N10F7 Datasheet HTML 9Page - STMicroelectronics STD45N10F7 Datasheet HTML 10Page - STMicroelectronics STD45N10F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID024455 Rev 1
7/19
STD45N10F7, STI45N10F7, STP45N10F7
Electrical characteristics
19
Figure 8. Capacitance variations
Figure 9. Normalized gate threshold voltage vs
temperature
C
1000
100
0
0
20
VDS(V)
(pF)
Ciss
Coss
Crss
40
60
80
AM16114v1
VGS(th)
0.8
0.6
0.4
0.2
-75
0
TJ(°C)
(norm)
-50
1
75
25 50
100
ID=250µA
-50
125150
1.2
AM16115v1
Figure 10. Normalized on-resistance vs
temperature
Figure 11. Source-drain diode forward
characteristics
RDS(on)
2
1
0
-75
0
TJ(°C)
(norm)
-50
75
25 50
100
0.5
1.5
-25
125
ID=22.5A
VGS=10 V
AM16116v1
VSD
5
15
ISD(A)
(V)
10
30
20 25
0.4
0.5
0.6
0.7
TJ=-55°C
TJ=175°C
TJ=25°C
0.8
0.9
35
40
1
AM16117v1
Figure 12. Normalized V(BR)DS vs temperature
V
-75
0
TJ(°C)
(norm)
-50
75
25 50
100
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
ID=1mA
1.04
-25
125
(BR)DS
AM16119v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com