Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD45N10F7 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STD45N10F7
Description  N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD45N10F7 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STD45N10F7 Datasheet HTML 9Page - STMicroelectronics STD45N10F7 Datasheet HTML 10Page - STMicroelectronics STD45N10F7 Datasheet HTML 11Page - STMicroelectronics STD45N10F7 Datasheet HTML 12Page - STMicroelectronics STD45N10F7 Datasheet HTML 13Page - STMicroelectronics STD45N10F7 Datasheet HTML 14Page - STMicroelectronics STD45N10F7 Datasheet HTML 15Page - STMicroelectronics STD45N10F7 Datasheet HTML 16Page - STMicroelectronics STD45N10F7 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID024455 Rev 1
13/19
STD45N10F7, STI45N10F7, STP45N10F7
Package mechanical data
19
Figure 21. I²PAK (TO-262) drawings
Table 9. I²PAK (TO-262) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
A1
2.40
2.72
b
0.61
0.88
b1
1.14
1.70
c
0.49
0.70
c2
1.23
1.32
D
8.95
9.35
e
2.40
2.70
e1
4.95
5.15
E10
10.40
L13
14
L1
3.50
3.93
L2
1.27
1.40
0004982_Rev_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com