Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI45N10F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STI45N10F7
Description  N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI45N10F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STI45N10F7 Datasheet HTML 2Page - STMicroelectronics STI45N10F7 Datasheet HTML 3Page - STMicroelectronics STI45N10F7 Datasheet HTML 4Page - STMicroelectronics STI45N10F7 Datasheet HTML 5Page - STMicroelectronics STI45N10F7 Datasheet HTML 6Page - STMicroelectronics STI45N10F7 Datasheet HTML 7Page - STMicroelectronics STI45N10F7 Datasheet HTML 8Page - STMicroelectronics STI45N10F7 Datasheet HTML 9Page - STMicroelectronics STI45N10F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
STD45N10F7, STI45N10F7, STP45N10F7
6/19
DocID024455 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s a
re
a i
s
Limited
by
m
ax
R
DS
(on)
100µs
1ms
10ms
0.01
Tj=175°C
Tc=25°C
Single pulse
100
AM16107v1
Single pulse
0.05
0.02
0.01
δ=0.5
0.2
0.1
K
10
tp(s)
-4
10
-3
10
-1
10
-5
10
-2
10
-2
10
-1
10
0
AM16120v1
Figure 4. Output characteristics
Figure 5. Transfer characteristics
ID
100
60
20
0
0
2
VDS(V)
4
(A)
6
5V
6V
VGS=10V
40
80
8
120
140
160
7V
8V
9V
AM16109v1
ID
120
80
40
0
0
4
VGS(V)
8
(A)
2
6
10
20
60
100
140
VDS=8V
AM16110v1
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
VGS
6
4
2
0
0
10
Qg(nC)
(V)
30
8
15
20
10
VDD=50V
12
5
25
ID=45A
AM16111v1
RDS(on)
14
13.5
13
10
ID(A)
(m
Ω)
5
15
14.5
VGS=10V
20 25
15
15.5
16
30
35
40
16.5
AM16112v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com