Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI45N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI45N10F7
Description  N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI45N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STI45N10F7 Datasheet HTML 1Page - STMicroelectronics STI45N10F7 Datasheet HTML 2Page - STMicroelectronics STI45N10F7 Datasheet HTML 3Page - STMicroelectronics STI45N10F7 Datasheet HTML 4Page - STMicroelectronics STI45N10F7 Datasheet HTML 5Page - STMicroelectronics STI45N10F7 Datasheet HTML 6Page - STMicroelectronics STI45N10F7 Datasheet HTML 7Page - STMicroelectronics STI45N10F7 Datasheet HTML 8Page - STMicroelectronics STI45N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
October 2013
DocID024455 Rev 1
1/19
STD45N10F7, STI45N10F7,
STP45N10F7
N-channel 100 V, 0.0145
Ω typ., 45 A, STripFET™ VII DeepGATE™
Power MOSFETs in DPAK, I2PAK and TO-220 packages
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Ultra low on-resistance
• 100% avalanche tested
Applications
• Switching applications
Description
These devices utilize the 7th generation of design
rules of ST’s proprietary STripFET™ technology,
with a new gate structure. The resulting Power
MOSFET exhibits the lowest RDS(on) in all
packages.
1 2
3
TAB
1
2
3
TAB
DPAK
1
3
TAB
TO-220
I PAK
2
Order codes
VDS
RDS(on)
max.(1)
1.
@ VGS = 10 V
ID
PTOT
STD45N10F7
100 V
0.018
Ω
45 A
60 W
STI45N10F7
STP45N10F7
Table 1. Device summary
Order codes
Marking
Package
Packaging
STD45N10F7
45N10F7
DPAK
Tape and reel
STI45N10F7
I2PAK
Tube
STP45N10F7
TO-220
www.st.com


Similar Part No. - STI45N10F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STI45N10F7 ISC-STI45N10F7 Datasheet
284Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STI45N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
20-Jun-2012
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
N-channel 100 V, 2.3 mΩ typ., 180 A STripFET™VII DeepGATE™ Power MOSFET in a TO-220 package
31-Jul-2013
STH310N10F7-2 STMICROELECTRONICS-STH310N10F7-2 Datasheet
1Mb / 19P
N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
23-Jul-2013
STH270N8F7-2 STMICROELECTRONICS-STH270N8F7-2 Datasheet
1Mb / 21P
N-channel 80 V, 0.0017 typ., 180 A, STripFET VII DeepGATE Power MOSFETs in H2PAK-2, H2PAK-6 and TO-220
11-Oct-2013
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
1Mb / 23P
N-channel 100 V, 0.0068 Ω typ., 80 A, STripFET™ VII DeepGATE™ Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
25-Nov-2013
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
N-channel 100 V, 8 mΩ typ., 120 A, STripFET™ DeepGATE™ Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STF110N10F7 STMICROELECTRONICS-STF110N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 5.1 mΩ typ., 110 A, STripFET™VII DeepGATE™ Power MOSFETs in TO-220FP and TO-220 packages
16-Jul-2013
STL60N10F7 STMICROELECTRONICS-STL60N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 0.0145 Ω typ., 12 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
October 2013 Rev 3
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
18-Jun-2018
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com