Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7130 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7130
Description  High Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7130 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7130 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT71XX
High Voltage Regulator
Selection Table
Part No.
Output Voltage
Tolerance
HT7130
3.0V
±5%
HT7133
3.3V
±5%
HT7136
3.6V
±5%
HT7144
4.4V
±5%
HT7150
5.0V
±5%
1
August 8, 2000
Features
·
Low power consumption
·
Low voltage drop
·
Low temperature coefficient
·
High input voltage (up to 24V)
·
TO-92 and SOT-89 packages
Applications
·
Battery-powered equipment
·
Communication equipment
·
Audio/Video equipment
General Description
The HT71XX series is a set of three-terminal
low power high voltage regulators implemented
in CMOS technology. They allow input voltages
as high as 24V. They are available with several
fixed output voltages ranging from 3.0V to
5.0V. CMOS technology ensures low voltage
drop and low quiescent current.
Although designed primarily as fixed voltage
regulators, these devices can be used with ex-
ternal components to obtain variable voltages
and currents.


Similar Part No. - HT7130

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
HT7130 FUMAN-HT7130 Datasheet
992Kb / 4P
30mA Linear Regulator
logo
Multicomp Pro
HT7130 MULTICOMP-HT7130 Datasheet
253Kb / 3P
High Voltage LDO Regulator
29/07/24 V1.0
logo
Holtek Semiconductor In...
HT7130-1 HOLTEK-HT7130-1 Datasheet
148Kb / 14P
30mA Voltage Regulator
April 30, 2013
HT7130-1 HOLTEK-HT7130-1 Datasheet
158Kb / 14P
30mA Low Power LDO
HT7130-2 HOLTEK-HT7130-2 Datasheet
1Mb / 15P
30mA Low Power LDO
More results

Similar Description - HT7130

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812XXSG SII-S-812XXSG Datasheet
1Mb / 31P
HIGH-PRECISION VOLTAGE REGULATOR
logo
ON Semiconductor
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
High Voltage Switching Regulator
July, 2006??Rev. 4
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
High Voltage Switching Regulator
November, 2010 -- Rev. 9
logo
Cystech Electonics Corp...
LM2532A4 CYSTEKEC-LM2532A4 Datasheet
169Kb / 6P
High Voltage Regulator
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
High Voltage Switching Regulator
February, 2015 ??Rev. 11
logo
Vishay Siliconix
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
High-Voltage Switchmode Regulator
05-Apr-99
logo
Dongguan Pingjingsemi T...
PJ71K30SQ PJSEMI-PJ71K30SQ Datasheet
2Mb / 6P
High Voltage Regulator
logo
Guangdong Youtai Semico...
7130 UMW-7130 Datasheet
661Kb / 9P
LDO high voltage regulator
HT75 UMW-HT75 Datasheet
1Mb / 10P
LDO high voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com