Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7130 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7130
Description  High Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7130 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7130 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7130 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings
Supply Voltage ..............................-0.3V to 28V
Storage Temperature ................-50°Cto125°C
Power Consumption ............................. 200mW
Operating Temperature .................0°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maxi-
mum Ratings may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Electrical Characteristics
HT7130, +3.0V output type
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VIN
Conditions
VOUT
Output Voltage
5V IOUT=10mA
2.85
3.0
3.15
V
IOUT
Output Current
5V
¾
20
30
¾
mA
DVOUT
Load Regulation
5V 1mA£IOUT£20mA
¾
60
100
mV
VDIF
Voltage Drop
¾
IOUT=1mA
¾
100
¾
mV
ISS
Current Consumption
5V No load
¾
4
6.0
mA
D
D
V
VV
OUT
IN
OUT
´
Line Regulation
¾
4V£VIN£24V
IOUT=1mA
¾
0.2
¾
%/V
VIN
Input Voltage
¾¾
¾
¾
24
V
D
D
V
T
OUT
a
Temperature Coefficient
5V IOUT=10mA
0°C<Ta<70°C
¾±0.45
¾
mV/°C
HT7133, +3.3V output type
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VIN
Conditions
VOUT
Output Voltage
5.5V IOUT=10mA
3.135
3.3
3.465
V
IOUT
Output Current
5.5V
¾
20
30
¾
mA
DVOUT
Load Regulation
5.5V 1mA£IOUT£30mA
¾
60
100
mV
VDIF
Voltage Drop
¾
IOUT=1mA
¾
100
¾
mV
ISS
Current Consumption
5.5V No load
¾
46
mA
D
D
V
VV
OUT
IN
OUT
´
Line Regulation
¾
4.5V£VIN£24V
IOUT=1mA
¾
0.2
¾
%/V
VIN
Input Voltage
¾¾
¾
¾
24
V
D
D
V
T
OUT
a
Temperature Coefficient 5.5V IOUT=10mA
0°C<Ta<70°C
¾±0.5
¾
mV/°C
HT71XX
3
August 8, 2000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com