Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M33A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82M33A
Description  3D Mouse Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M33A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82M33A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
—
—
4.5
5.0
5.5
V
ISD
Standby Voltage
5V
RESET=0V, no load
—
—
1.5
mA
IDD
Operating Current
5V
Freq=2MHz,
RESET=5V, no load
—2.2
3
mA
VIL
Input Low Voltage
(RB, Ro, LB, TEST)
5V
—
0
—
1.5
V
VIH
Input High Voltage
(RB, Ro, LB, TEST)
5V
—
3.5
—
5.0
V
VIL1
Input Low Voltage (Z1, Z2)
5V
—
0
—
1.0
V
VIH1
Input High Voltage (Z1, Z2)
5V
—
1.2
—
5.0
V
VIL2
Input Low Voltage
(CLOCK, DATA)
5V
—
0
—
1.2
V
VIH2
Input High Voltage
(CLOCK, DATA)
5V
—
2.1
—
5.0
V
VIL3
Input Low Voltage (RESET)
5V
—
0
—
1.8
V
VIH3
Input High Voltage (RESET)
5V
—
3.3
—
5.0
V
IOL
Output Sink Current
(CLOCK, DATA)
5V
VIL=0.5V
6
—
—
mA
IOH
Output Source Current
(CLOCK, DATA)
5V
VIH=4.5V
—
2
—
mA
RL
Pull-low Resistor (Z1, Z2)
5V
VIH=5V, VSS=0V
—
600
—
k
Ω
RL1
Pull-low Resistor (TEST)
5V
VIH=5V, VSS=0V
10
17
30
k
Ω
RL2
Pull-low Resistor (RB, Ro, LB)
5V
VIH=5V,VSS=0V
33
45
56
k
Ω
RL3
Pull-low Resistor (MODE)
5V
VIH=5V,VSS=0V
48
60
72
k
Ω
RH
Pull-high Resistor
(CLOCK, DATA)
5V
VIL=0V
5
7.5
10
k
Ω
RH1
Pull-high Resistor (RESET)
5V
VIL=0V
100
125
150
k
Ω
HT82M33A
3
3rd Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com