Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M33A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82M33A
Description  3D Mouse Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M33A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82M33A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M33A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Functional Description
Serial mouse
• Data format of 3D Serial mouse
1200 bps, N, 7, 1, single direction
Bit No.
6
5
4
3
2
1
0
1st word
1
L
R
Y7
Y6
X7
X6
2nd word
0
X5
X4
X3
X2
X1
X0
3rd word
0
Y5Y4Y3
Y2
Y1
Y0
4th word
0
0
Ro
Z3
Z2
Z1
Z0
Notes: X7~X0: -128<X<127, (2’s complement)
Y7~Y0: -128<Y<127, (2’s complement)
Z3~Z0: -8<Z<7, (2’s complement)
Button status:1=pressed, 0=released
• Win 95 Plug and Play ID fields
For compatibility with the old serial mouse
drivers, all mouse-compatible pointing de-
vices must restrict themselves to a 6-bit char-
acter set, for all fields except the mouse ID.
Therefore, all old-mouse-compatible strings
are limited to values of 0
×00 to 0×3f; character
strings are ASCII codes from 0
×20 to 0×5f,
offset by subtracting 0
×20.
Microsoft mode
Field Name
Size
Field Data
Description
Old Mouse ID
1
4D
Identifies a mouse for old Microsoft
mode drivers
Compatible with Microsoft
Intelli mouse
5
5A, 40, 00, 00, 00
“Z@”
Begin PnP
1
08
“(” indicates PnP IDs will follow
PnP Rev
2
01, 24
Identifiers PnP version 1.0
EISA ID
3
28, 34, 2B
“HTK” (A mouse company)
Product ID
4
10, 10, 10, 11
“0001” (Unique product identifier)
Extended
1
3C
“\”
Class Name
6
3C, 2D, 2F, 35, 33, 25
“\MOUSE” fits a defined Windows 95
class name
Driver ID
8
3C, 30, 2E, 30, 10,
26, 10, 21
“\PNP0F0A” fits a defined Windows 95
Microsoft mouse compatible ID
Checksum
2
19, 10
Checksum of all characters from begin
PnP to End PnP, exclusive of the
checksum characters themselves.
End PnP
1
09
“)” indicates PnP IDs complete
HT82M33A
5
3rd Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com