Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M398 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82M398
Description  WIN2000 3D PS/2 Mouse Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M398 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82M398 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD Conditions
VDD
Operating Voltage
¾¾
4.5
5.0
5.5
V
IOP
Operating Current
5V ROSC=120kW¾
¾
15
mA
fOSC
RC Oscillator
5V ROSC=120kW
1.6
2
2.2
V
VIL1
Input Low Voltage (Z1, Z2)
5V
¾
0
¾
1.5
V
VIH1
Input High Voltage (Z1, Z2)
5V
¾
2.2
¾
5V
VIL2
Input Low Voltage (CLK, DATA)
5V
¾
0
¾
0.8
V
VIH2
Input High Voltage (CLK, DATA)
5V
¾
2.0
¾
5.0
V
RPH2
Pull-high Resistor (CLK, DATA)
5V VIL=0V
25
10
kW
Isink
Sink Current (CLK, DATA)
5V VOH=0.4V
4
¾¾
mA
VIL3
Input Low Voltage (RB, Ro, LB)
5V
¾
0
¾
1.0
V
VIH3
Input High Voltage (RB, Ro, LB)
5V
¾
1.8
¾
5V
RPL3
Pull-low Resistor (RB, Ro, LB)
5V VIL=0V
3.0
60
125
kW
VIL4
Input Low Voltage (X1,X2,Y1,Y2)
5V
¾
0
¾
1.5
V
VIH4
Input High Voltage (X1, X2, Y1, Y2) 5V
¾
2.2
¾
5V
RPL5
Dynamic Photo-resistor
(X1, X2, Y1, Y2, Z1, Z2)
5V
¾
See Dynamic resistor
characteristics
Dynamic resistor characteristics
· R-V curve
HT82M398A
3
February 22, 2000
Photo_R: R-V
V
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com