Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M398 Datasheet (PDF) - Holtek Semiconductor Inc

HT82M398 Datasheet PDF - Holtek Semiconductor Inc
Part # HT82M398
Download  HT82M398 Download
File Size   93.15 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description WIN2000 3D PS/2 Mouse Controller

HT82M398 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82M398 Datasheet PDF - Holtek Semiconductor Inc

Part # HT82M398
Download  HT82M398 Click to download

File Size   93.15 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description WIN2000 3D PS/2 Mouse Controller

HT82M398 Datasheet (HTML) - Holtek Semiconductor Inc


HT82M398 Product details

General Description
The HT82M398A is a Plug and Play WIN2000 and 5-button 3D PS/2 mouse controller. It is also compatible with Microsoft Intelli 3D PS/2 and IBM PS/2 mouse. The Z axis can support two kinds of scroller input, namely; mechanical and optomechanical.

Features
• Operating Voltage: 4.75V~5.25V
• Compatible with Microsoft Windows 2000 and 5-button Wheel Mouse
• Compatible with Microsoft Intelli 3D PS/2 and IBM PS/2 mouse
• Supports rolling buttons in PS/2 mouse mode
• X/Y axis photo input with built-in Holteks special dynamic photo-input resistor
• Supports three buttons and three axes (X, Y, Z) inputs
• Z axis can support two kinds of scroller input (optomechanical and mechanical)
• 2MHz RC oscillator for system frequency with external pull-high resistor
• 16-pin DIP package




Similar Part No. - HT82M398

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M398A HOLTEK-HT82M398A Datasheet
108Kb / 7P
5-Key 3D WIN2000 PS/2 Mouse Controller
October 12, 2006
HT82M398A HOLTEK-HT82M398A_06 Datasheet
108Kb / 7P
5-Key 3D WIN2000 PS/2 Mouse Controller
October 12, 2006
More results


Similar Description - HT82M398

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
3D PS/2 Mouse Controller
August 5, 1999
logo
List of Unclassifed Man...
TP8472 ETC-TP8472 Datasheet
392Kb / 23P
PS/2 3D 3Key Mouse Controller
logo
Holtek Semiconductor In...
HT82M980A HOLTEK-HT82M980A Datasheet
167Kb / 6P
5-Key 3D WIN2000 USBPS/2 Mouse Controller
February 10, 2003
logo
List of Unclassifed Man...
TP8482 ETC-TP8482 Datasheet
425Kb / 26P
PS/2 3D 5KEY MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
3/5-Key 3D PS/2 Optical Mouse Controller
January 24, 2006
HT82M39A HOLTEK-HT82M39A_05 Datasheet
112Kb / 8P
3-Key 3D PS/2 Mouse Controller
September 23, 2005
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
3-Key 3D USBPS/2 Mouse Controller
October 31, 2006
HT82M398A HOLTEK-HT82M398A_06 Datasheet
108Kb / 7P
5-Key 3D WIN2000 PS/2 Mouse Controller
October 12, 2006
logo
List of Unclassifed Man...
EC3597 ETC2-EC3597 Datasheet
138Kb / 11P
3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
logo
Holtek Semiconductor In...
HT82M980A HOLTEK-HT82M980A_05 Datasheet
110Kb / 6P
5-Key 3D WIN2000 USBPS/2 Mouse Controller
June 9, 2005
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com