Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M91A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82M91A
Description  3D USB Mouse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M91A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82M91A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings
Supply Voltage.................................-0.3V to 6V
Storage Temperature.................-50°Cto125°C
mC Input Voltage ...........VSS-0.3V to VDD+0.3V
Operating Temperature ..............-25°Cto70°C
USB Input Voltage .......VSS-0.3V to V33O+0.3V
Note: These are stress ratings only. Stresses exceeding the range specified under "Absolute Maxi-
mum Ratings" may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
4.5
¾
5.5
V
IDD
Operating Current
(Crystal OSC)
5V No load, fSYS=6MHz
¾
10
¾
mA
ISTB
Standby Current
5V No load, system Halt
¾¾
250
mA
VIL1
Input Low Voltage for I/O
Ports
5V
¾
0
¾
1.0
V
VIH1
Input High Voltage for mC
I/O Ports
5V
¾
3.5
¾
5V
VIL2
Input Low Voltage (RESET)5V
¾
0
¾
1.8
V
VIH2
Input High Voltage (RESET)5V
¾
3.5
¾
5V
VIH3
Input High Voltage for USB
I/O Ports
3.3V
¾
2.8
¾
3.6
V
VPOR
Power on Reset VDD
Detecting Voltage
5V
¾
3
¾
3.6
V
IOL1
Output Port Sink Current
5V VOL=0.5V
¾
4
¾
mA
IOH1
Output Port Source Current 5V VOL=4.5V
¾-4
¾
mA
IOL2
Outpu Ports Sink Current
(LED)
5V VOL=4.5V
¾
50
¾
mA
HT82M91A
3
January 28, 2000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com