Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M91A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82M91A
Description  3D USB Mouse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M91A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82M91A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Application Circuits
HT82M91A
5
January 28, 2000
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
VS S
V 33O
US B D +
US B D -
RE S E T
X1
X2
Y1
Y2
OS C 1
OS C 2
VD D
LE D
M
R
L
Z2
Z1
H T 82M 9 1A
6MH z
1k W
V C C
RE CE P T _ A
1
2
3
4
1. 5k W
0. 1 m F
0. 1 m F
1M W
1k W
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
VS S
V 33O
US B D +
US B D -
RE S E T
X1
X2
Y1
Y2
OS C 1
OS C 2
VD D
LE D
M
R
L
Z2
Z1
H T 82M 9 1A
6MH z
V CC
RE CE P T _ A
1
2
3
4
1. 5k W
0. 1 m F
0. 1 m F
1M W
1k W
E n c oder
E V Z V X C 0 0112B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com