Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4053 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC4053 Datasheet HTML 9Page - NXP Semiconductors 74HC4053 Datasheet HTML 10Page - NXP Semiconductors 74HC4053 Datasheet HTML 11Page - NXP Semiconductors 74HC4053 Datasheet HTML 12Page - NXP Semiconductors 74HC4053 Datasheet HTML 13Page - NXP Semiconductors 74HC4053 Datasheet HTML 14Page - NXP Semiconductors 74HC4053 Datasheet HTML 15Page - NXP Semiconductors 74HC4053 Datasheet HTML 16Page - NXP Semiconductors 74HC4053 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
74HC_HCT4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 8 — 19 July 2012
13 of 32
NXP Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
11. Dynamic characteristics
Vis = VCC and Vos = VEE.
Vis = VEE and Vos = VCC.
Fig 11. Test circuit for measuring OFF-state current
001aah827
nYn
Sn
from select
input
nZ
GND
VEE
VCC
Vis
Vos
Isw
A
Isw
A
Vis = VCC and Vos = open-circuit.
Vis = VEE and Vos = open-circuit.
Fig 12. Test circuit for measuring ON-state current
Isw
A
001aah828
nYn
Sn
HIGH
from select
input
nZ
GND
VEE
VCC
Vis
Vos
Table 9.
Dynamic characteristics for 74HC4053
GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C
tpd
propagation delay Vis to Vos; RL =  ; see Figure 13
[1]
VCC = 2.0 V; VEE = 0 V
-
15
60
ns
VCC = 4.5 V; VEE =0 V
-
5
12
ns
VCC = 6.0 V; VEE =0 V
-
4
10
ns
VCC = 4.5 V; VEE = 4.5 V
-
4
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com