Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4053 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC4053 Datasheet HTML 1Page - NXP Semiconductors 74HC4053 Datasheet HTML 2Page - NXP Semiconductors 74HC4053 Datasheet HTML 3Page - NXP Semiconductors 74HC4053 Datasheet HTML 4Page - NXP Semiconductors 74HC4053 Datasheet HTML 5Page - NXP Semiconductors 74HC4053 Datasheet HTML 6Page - NXP Semiconductors 74HC4053 Datasheet HTML 7Page - NXP Semiconductors 74HC4053 Datasheet HTML 8Page - NXP Semiconductors 74HC4053 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
74HC_HCT4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 8 — 19 July 2012
2 of 32
NXP Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
3.
Applications
Analog multiplexing and demultiplexing
Digital multiplexing and demultiplexing
Signal gating
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC4053N
40 C to +125 C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT4053N
74HC4053D
40 C to +125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HCT4053D
74HC4053DB
40 C to +125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT4053DB
74HC4053PW
40 C to +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HCT4053PW
74HC4053BQ
40 C to +125 C
DHVQFN16 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
74HCT4053BQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com