Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8955 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT8955
Description  Voice Echo
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8955 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT8955 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8955 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8955 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8955 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8955 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8955 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8955 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pin No. Pin Name I/O
Internal
Connection
Description
13
A5
O
CMOS OUT
Connects to DRAM A5
14
A4
O
CMOS OUT
Connects to DRAM A4
15
A3
O
CMOS OUT
Connects to DRAM A3
16
A2
O
CMOS OUT
Connects to DRAM A2
17
A1
O
CMOS OUT
Connects to DRAM A1
18
A0
O
CMOS OUT
Connects to DRAM A0
19
RASB
O
CMOS OUT
Connects to DRAM RASB
20
WRB
O
CMOS OUT
Connects to DRAM WRB
21
DATA
I/O
CMOS I/O
Data I/O pin
22
A8
O
CMOS I/O
Connects to DRAM A8
23
CASB
O
CMOS I/O
Connects to DRAM CASB
24
VDD
I
—
Positive power supply
Absolute Maximum Ratings*
Supply Voltage ................................. –0.3V to 6V
Storage Temperature................. –50
°C to 125°C
Input Voltage................. VSS–0.3V to VDD+0.3V
Operating Temperature............... –20
°C to 70°C
*Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Electrical Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
4.5
5.0
5.5
V
IOP
Operating Current
5V
No load,
fOSC=640kHz
—2.5
8
mA
AV
Pre-amplifier Voltage Gain
5V
RL>100k
Ω
Open loop
—
2000—V/V
AV
Comparator Voltage Gain
5V
RL>100k
Ω
Open loop
—
2000—V/V
VIL
“L” Input Voltage
—
—
0
—
0.3VDD
V
HT8955A
3
5th May ’98



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com