Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8955 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT8955
Description  Voice Echo
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8955 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT8955 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8955 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8955 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8955 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8955 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8955 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8955 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIH
“H” Input Voltage
—
—
0.7VDD
—VDD
V
VOMAX
Maximum Output Voltage
5V
RL>470k
Ω
11.5
—
V
Td
Maximum Delay Time
5V
SEL=open, 25kHz
sampling rate
0.15
0.2
—
s
Td
5V
SEL=VSS, 25kHz
sampling rate
0.6
0.8
—
s
S/N
Signal to Noise Ratio
5V
VO=1V, 400Hz
BW=10kHz
—55
—
dB
THD
Total Harmonic Distortion
5V
VO=1V, 400Hz
BW=7kHz
—0.5
—
%
Functional Description
The HT8955A is a single chip LSI with an exter-
nal DRAM. It is designed for processing audio
signal delay. The chip includes a built-in pre-
amplifier, 10-bit A/D and D/A converters. The
A/D and D/A converters ensure low distortion as
well as high S/N ratio of the audio delay system.
The chip also provides two sets of oscillation
circuit for system sampling rate and audio echo
delay time.
Playing function block diagram
System oscillator
The HT8955A provides two oscillators, one for
the sampling rate and one for echo delay time.
The sampling rate oscillator requires an exter-
nal resistor between the OSC1 and OSC2 pins.
A higher sampling rate (25~50kHz) can thus be
derived by adjusting the oscillation resistor
without having a sophisticated low pass filter.
The delay time oscillator, on the other hand,
demands an external resistor between the
OSC3 and OSC4 pins. By altering the oscilla-
tion resistor, its delay time can be continuously
adjusted up to 0.8/0.2 seconds at a 25kHz sam-
pling rate for DRAM of 256Kb/64Kb.
DRAM selection
The HT8955A can interface with a DRAM for
storing delay signals. The type along with the
maximum delay time of DRAM is determined
by the status of the SEL pin as shown:
SEL Connection
DRAM
Type
Delay Time
VDD or Open
64Kb
0.2 seconds
VSS
256Kb
0.8 seconds
HT8955A
4
5th May ’98



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com