Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3704ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3704ZPBF
Description  High Frequency Synchronous Buck
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3704ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF3704ZPBF Datasheet HTML 1Page - International Rectifier IRF3704ZPBF Datasheet HTML 2Page - International Rectifier IRF3704ZPBF Datasheet HTML 3Page - International Rectifier IRF3704ZPBF Datasheet HTML 4Page - International Rectifier IRF3704ZPBF Datasheet HTML 5Page - International Rectifier IRF3704ZPBF Datasheet HTML 6Page - International Rectifier IRF3704ZPBF Datasheet HTML 7Page - International Rectifier IRF3704ZPBF Datasheet HTML 8Page - International Rectifier IRF3704ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.irf.com
1
6/29/04
IRF3704ZPbF
IRF3704ZSPbF
IRF3704ZLPbF
HEXFET® Power MOSFET
Notes
 through ‡ are on page 12
Applications
Benefits
l Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l Lead-Free
PD - 95463
D2Pak
IRF3704ZS
TO-220AB
IRF3704Z
TO-262
IRF3704ZL
VDSS RDS(on) max Qg
20V
7.9m:
8.7nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
W
PD @TC = 100°C Maximum Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
f
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
i
–––
2.65
°C/W
RθCS
Case-to-Sink, Flat Greased Surface
f
0.50
–––
RθJA
Junction-to-Ambient
fiÃ
–––
62
RθJA
Junction-to-Ambient (PCB Mount)
gi
–––
40
10 lbf
yin (1.1Nym)
300 (1.6mm from case)
-55 to + 175
57
0.38
28
Max.
67
h
47
h
260
± 20
20


Similar Part No. - IRF3704ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3704ZPBF IRF-IRF3704ZPBF Datasheet
366Kb / 13P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZPBF IRF-IRF3704ZPBF Datasheet
366Kb / 13P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZPBF IRF-IRF3704ZPBF_15 Datasheet
366Kb / 13P
High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Similar Description - IRF3704ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IRFH5302DTRPBF IRF-IRFH5302DTRPBF Datasheet
331Kb / 8P
Synchronous MOSFET for high frequency buck converters
IRFH5302DPBF IRF-IRFH5302DPBF Datasheet
331Kb / 8P
Synchronous MOSFET for high frequency buck converters
IRLR7821PF IRF-IRLR7821PF Datasheet
326Kb / 12P
High Frequency Synchronous Buck
logo
Kersemi Electronic Co.,...
IRF3704Z KERSEMI-IRF3704Z Datasheet
1Mb / 11P
High Frequency Synchronous Buck
IRLR8113 KERSEMI-IRLR8113 Datasheet
1Mb / 11P
High Frequency Synchronous Buck
IRLR8256 KERSEMI-IRLR8256 Datasheet
1Mb / 11P
High Frequency Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com