Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9170 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9170
Description  DTMF Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9170 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9170 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT9170
DTMF Receiver
Selection Table
Function Operating
Voltage
OSC
Frequency
Tristate
Data Output
Power
Down
1633Hz
Inhibit DV DVB Package
Part No.
HT9170B 2.5V~5.5V
3.58MHz
ÖÖ
Ö
Ö
¾
18 DIP
HT9170D 2.5V~5.5V
3.58MHz
ÖÖ
Ö
Ö
¾
18 SOP
1
December 20, 1999
Features
·
Operating voltage: 2.5V~5.5V
·
Minimal external components
·
No external filter is required
·
Low standby current (on power down mode)
·
Excellent performance
·
Tristate data output for mC interface
·
3.58MHz crystal or ceramic resonator
·
1633Hz can be inhibited by the INH pin
·
HT9170B: 18-pin DIP package
HT9170D: 18-pin SOP package
General Description
The HT9170 series are Dual Tone Multi Fre-
quency (DTMF) receivers integrated with digi-
tal decoder and bandsplit filter functions. The
HT9170B and HT9170D types supply
power-down mode and inhibit mode operations.
All types of the HT9170 series use digital count-
ing techniques to detect and decode all the 16
DTMF tone pairs into a 4-bit code output.
Highly accurate switched capacitor filters are
employed to divide tone (DTMF) signals into
low and high group signals. A built-in dial tone
rejection circuit is provided to eliminate the
need for pre-filtering.


Similar Part No. - HT9170

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
HT9170B HOLTEK-HT9170B_09 Datasheet
136Kb / 14P
DTMF Receiver
HT9170D HOLTEK-HT9170D Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
HT9170D HOLTEK-HT9170D Datasheet
136Kb / 14P
DTMF Receiver
More results

Similar Description - HT9170

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7385 SANYO-LC7385 Datasheet
164Kb / 7P
DTMF Receiver
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
DTMF Receiver?
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
DTMF Receiver?
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
DTMF Receiver
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
DTMF RECEIVER
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
DTMF Receiver
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_09 Datasheet
136Kb / 14P
DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com