Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9170D Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9170D
Description  DTMF Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9170D Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9170D Datasheet HTML 1Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 2Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 3Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 4Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 5Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 6Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 7Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 8Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Approximate internal connection circuits
Absolute Maximum Ratings
Supply Voltage.................................-0.3V to 6V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..............-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.5
5
5.5
V
IDD
Operating Current
5V
¾¾
3.0
7
mA
ISTB
Standby Current
5V PWDN=5V
¾
10
25
mA
VIL
²Low² Input Voltage
5V
¾¾
¾
1.0
V
VIH
²High² Input Voltage
5V
¾
4.0
¾¾
V
IIL
²Low² Input Current
5V VVP=VVN=0V
¾¾
0.1
mA
IIH
²High² Input Current
5V VVP=VVN=5V
¾¾
0.1
mA
ROE
Pull-high Resistance (OE)
5V VOE=0V
60
100
150
kW
RIN
Input Impedance (VN, VP) 5V
¾¾
10
¾
MW
HT9170
4
December 20, 1999
V-
V+
O PER AT I O N A L
AM PL I F I E R
VN
VP
GS
X1
X2
O S C I LLA T O R
CM O S I N
Pul l - h i g h
CM O S O UT
Tr i s t a t e
EN
CM O S O UT
CM O S I N/ O U T
VR EF
OP A
OP A
20pF
10M
10pF
CM O S I N
Pul l - l o w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com