Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9170D Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9170D
Description  DTMF Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9170D Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9170D Datasheet HTML 1Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 2Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 3Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 4Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 5Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 6Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 7Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 8Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VDD
Conditions
IOH
Source Current
(D0~D3, EST, DV)
5V VOUT=4.5V
-0.4
-0.8
¾
mA
IOL
Sink Current
(D0~D3, EST, DV)
5V VOUT=0.5V
1.0
2.5
¾
mA
fOSC
System Frequency
5V Crystal=3.5795MHz 3.5759 3.5795 3.5831 MHz
A.C. Characteristics
fOSC=3.5795MHz, Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
DTMF Signal
Input Signal Level
3V
-36
¾-6
dBm
5V
-29
¾
1
Twist Accept Limit (Positive)
5V
¾
10
¾
dB
Twist Accept Limit (Negative)
5V
¾
10
¾
dB
Dial Tone Tolerance
5V
¾
18
¾
dB
Noise Tolerance
5V
¾-12
¾
dB
Third Tone Tolerance
5V
¾-16
¾
dB
Frequency Deviation
Acceptance
5V
¾¾
±1.5
%
Frequency Deviation Rejection 5V
±3.5
¾¾
%
Power Up Time (tPU)
(See Figure 4.)
5V
¾
30
¾
ms
Gain Setting Amplifier
RIN
Input Resistance
5V
¾¾
10
¾
MW
IIN
Input Leakage Current
5V VSS<(VVP,VVN)<VDD ¾
0.1
¾mA
VOS
Offset Voltage
5V
¾¾
±25
¾
mV
PSRR
Power Supply Rejection
5V
100 Hz
-3V<VIN<3V
¾
60
¾
dB
CMRR Common Mode Rejection
5V
¾
60
¾
dB
AVO
Open Loop Gain
5V
¾
65
¾
dB
fT
Gain Band Width
5V
¾¾
1.5
¾
MHz
VOUT Output Voltage Swing
5V RL>100kW¾
4.5
¾
VPP
HT9170
5
December 20, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com