Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN02AN Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN02AN
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN02AN Datasheet(HTML) 3 Page - STMicroelectronics

  VN02AN Datasheet HTML 1Page - STMicroelectronics VN02AN Datasheet HTML 2Page - STMicroelectronics VN02AN Datasheet HTML 3Page - STMicroelectronics VN02AN Datasheet HTML 4Page - STMicroelectronics VN02AN Datasheet HTML 5Page - STMicroelectronics VN02AN Datasheet HTML 6Page - STMicroelectronics VN02AN Datasheet HTML 7Page - STMicroelectronics VN02AN Datasheet HTML 8Page - STMicroelectronics VN02AN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
4
60
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (VCC = 9 to 36 V; Tcase = 25
oC unless otherwise specified)
POWER
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC *
Supply Voltage
-40
o C < Tj < 125 oC7
36
V
Ron
On State Resistance
IOUT = 3 A
IOUT = 1 A
VCC = 30 V
Tj = 125
o C
0.35
0.6
Ω
Ω
IS
Supply Current
Off State VCC = 30 V
On State VCC = 30 V
On State VCC = 30 V Tj = 125
oC
1
9
7
mA
mA
mA
SWITCHING
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time Of
Output Current
IOUT = 3 A Resistive Load
Input Rise Time < 0.1
µs
15
µs
tr
Rise Time Of Output
Current
IOUT = 3 A Resistive Load
Input Rise Time < 0.1
µs
15
µs
td(off)
Turn-off Delay Time Of
Output Current
IOUT = 3 A Resistive Load
Input Rise Time < 0.1
µs
14
µs
tf
Fall Time Of Output
Current
IOUT = 3 A Resistive Load
Input Rise Time < 0.1
µs
4.5
µs
(di/dt)on
Turn-on Current Slope
IOUT = 3 A
25
oC < Tj < 125 oC
IOUT = IOV
25
oC < Tj < 125 oC
0.5
1
A/
µs
A/
µs
(di/dt)off
Turn-off Current Slope
IOUT = 3 A
25
oC < Tj < 125 oC
IOUT = IOV
25
oC < Tj < 125 oC
1.5
4
A/
µs
A/
µs
VDEMAG
Inductive Load Clamp
Voltage
IOUT = 3 A
-40
oC < Tj < 125 oC-24
-18
-14
V
LOGIC INPUT (-40
oC
≤ Tj ≤ 125 oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Level
Voltage
0.8
V
VIH
Input High Level
Voltage
2(*)
V
VI(hyst.)
Input Hysteresis
Voltage
0.5
V
IIN
Input Current
VIN = 5 V
VIN = 2 V
VIN = 0.8 V
25
250
600
300
µA
µA
µA
VICL
Input Clamp Voltage
IIN = 10 mA
IIN = -10 mA
5.5
6
-0.7
-0.3
V
V
VN02AN
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com