Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN02AN Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN02AN
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN02AN Datasheet(HTML) 4 Page - STMicroelectronics

  VN02AN Datasheet HTML 1Page - STMicroelectronics VN02AN Datasheet HTML 2Page - STMicroelectronics VN02AN Datasheet HTML 3Page - STMicroelectronics VN02AN Datasheet HTML 4Page - STMicroelectronics VN02AN Datasheet HTML 5Page - STMicroelectronics VN02AN Datasheet HTML 6Page - STMicroelectronics VN02AN Datasheet HTML 7Page - STMicroelectronics VN02AN Datasheet HTML 8Page - STMicroelectronics VN02AN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
PROTECTION AND DIAGNOSTICS (-40
oC
≤ Tj ≤ 125 oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSTAT
Status Voltage Output
Low
ISTAT = 1.6 mA
0.4
V
ISTAT
Status Leakage Current VSTAT = 5 V
10
µA
VUSD
Under Voltage Shut
Down
3.5
6
7
V
VSCL
Status Clamp Voltage
ISTAT = 10 mA
ISTAT = -10 mA
5.5
6
-0.7
-0.3
V
V
IOV
Over Current
RLOAD < 10 m
Ω
15
A
Iav
Average Current In
Short Circuit
RLOAD < 10 m
Ω
Tc = 85
o C
0.6
A
IDOFF
Leakage Current
VCC = 30 V
1
mA
TTSD
Thermal Shut-down
Temperature
140
oC
TR
Reset Temperature
125
oC
(*) The Vih is internally clamped at about 6V. It is possible to connect this pin to a higher voltage via an external resistor calculated to not
exceed 10 mA at the input pin.
TRUTH TABLE
INPUT
DIAGNOSTIC
OUTPUT
Normal Operation
L
H
H
H
L
H
Over-temperature
H
L
L
Under-voltage
X
H
L
Figure 1: Waveforms
VN02AN
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com