Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9032D Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT9032D
Description  Calling Line Identification Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9032D Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT9032D Datasheet HTML 2Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 3Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 4Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 5Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 6Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 7Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 8Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 9Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Application Circuits
Application circuit 1
HT9032
8
April 6, 2000
Operation mode
There are three operation modes of the HT9032. They are power down mode, partial power up mode,
and power up mode. The three modes are classified by the following conditions:
Modes
Conditions
Current
Consumption
Power down
PDWN=²1² and RTIME=²1²
<1mA
Partial power up PDWN=²1² and RTIME=²0²
1.9mA typically
Power up
PDWN=²0²
3.2mA typically
Normally, the PDWN pin and the RTIME pin
control the operation mode of the HT9032.
When both pins are HIGH, the HT9032 is set at
the power down mode, consuming less than 1mA
of supply current. When a valid power ring ar-
rives, the RTIME pin will be driven below VT-
and the portions of the part involved in the ring
signal analysis are enabled. This is partial
power up mode, consuming approximately
1.9mA typically. Once the PDWN pin is below
VT-, the part will be fully powered up, and ready
to receive FSK. During this mode, the device
current will increase to approximately 3.2mA
(typ). The state of the RTIME pin is now a
²don¢t care² as far as the part is concerned. Af-
ter the FSK message has been received, the
PDWN pin can be allowed to return to VDD and
the part will return to the power down mode.
H T 10 50
~
~
TI P
VD D
X2
PD W N
VS S
RI NG
X1
DO UT
H T 9032B / D
3. 58 M H z
10M W
30pF
30pF
15k W
18k W
20 0k W
0. 01 m F
47 0k W
0. 01 m F2 0 0 k W
0. 2 m F
TI P
RI NG
0. 2 m F
0. 1 m F
9V
V DD
m C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com