Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9032D Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9032D
Description  Calling Line Identification Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9032D Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9032D Datasheet HTML 1Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 2Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 3Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 4Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 5Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 6Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 7Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 8Page - Holtek Semiconductor Inc HT9032D Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Pin Name I/O
Description
DOUTC
O
This output presents the output of the demodulator whenever CDET pin is low
and when an internal validation sequence has been successfully passed. This
data stream does not include the alternate ²1² and ²0² pattern. This pin is al-
ways held high.
Absolute Maximum Ratings
Voltages are referenced to VSS, except where noted.
Supply Voltage..............................-0.5V to 6.0V
All Input Voltages ....................................25mW
Operating Temperature Range .......0°Cto70°C
Storage Temperature Range .....-40°Cto150°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
D.C. Characteristics
Crystal=3.58MHz, Ta=0~70°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Supply Voltage
¾
9032B/C/D
3.5
5
5.5
V
9032F
3.0
5
5.5
V
IDD1
Supply Current
5V PDWN=0(3.58MHzOSCon)
¾
3.2
5
mA
IDD2
Supply Current
5V
PDWN=1 and RTIME=0
(3.58MHz OSC on and
internal circuits
partially on)
¾
1.9
2.5
mA
ISTBY
Standby Current
5V PDWN=1 and RTIME=1
(3.58MHz OSC off)
¾¾
1
mA
VIL
Input Voltage Logic 0
5V
¾¾
¾
0.2V VDD
VIH
Input Voltage Logic 1
5V
¾
0.8V
¾¾
VDD
IOL
Output Voltage Logic 0
5V IOL=1.6mA
¾
0.1V VDD
IOH
Output Voltage Logic 1
5V IOH=0.8mA
0.9V
¾¾
VDD
IIN
Input Leakage Current,
All Inputs
5V
¾-1
¾
1
mA
VT-
Input Low Threshold
Voltage
5V RDET1, RTIME, PDWN
2.0
2.3
2.6
V
HT9032
4
April 6, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com