Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG1390 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HTG1390
Description  4-bit Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG1390 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HTG1390 Datasheet HTML 17Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 18Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 19Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 20Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 21Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 22Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 23Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 24Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
MOV A,TMRH
Move timer high nibble to accumulator
Machine code
0 0 1 1 1 0 1 1
Description
The high nibble data of the timer counter is loaded to the accumulator.
Operation
ACC
← TIMER (high nibble)
MOV A,TMRL
Move timer low nibble to accumulator
Machine code
0 0 1 1 1 0 1 0
Description
The low nibble data of the timer counter is loaded to the accumulator.
Operation
ACC
← TIMER (low nibble)
MOV A,XH
Move immediate data to accumulator
Machine code
0 1 1 1 d d d d
Description
The 4-bit data specified by the code is loaded to the accumulator.
Operation
ACC
← XH
MOV A,[R1R0]
Move data memory to accumulator
Machine code
0 0 0 0 0 1 0 0
Description
Data in the data memory specified by the register pair “R1,R0” is moved to
the accumulator.
Operation
ACC
← M(R1,R0)
MOV A,[R3R2]
Move data memory to accumulator
Machine code
0 0 0 0 0 1 1 0
Description
Data in the data memory specified by the register pair “R3,R2” is moved to
the accumulator.
Operation
ACC
← M(R3,R2)
MOV R1R0,XXH
Move immediate data to R1 and R0
Machine code
0 1 0 1 d d d d
0 0 0 0 d d d d
Description
The 8-bit data specified by the code is loaded to the working registers R1
and R0, the high nibble of the data is loaded to R1, and the low nibble to
R0.
Operation
R1
← XH (high nibble)
R0
← XH (low nibble)
MOV R3R2,XXH
Move immediate data to R3 and R2
Machine code
0 1 1 0 d d d d
0 0 0 0 d d d d
Description
The 8-bit data specified by the code is loaded to the working registers R3
and R2, the high nibble of the data is loaded to R3, and the low nibble to
R2.
Operation
R3
← XH (high nibble)
R2
← XH (low nibble)
HTG1390
Preliminary
21
17th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com