Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG1395 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HTG1395
Description  3-in-1 LCD Game
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG1395 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HTG1395 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG1395 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG1395 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG1395 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG1395 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG1395 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG1395 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG1395 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG1395 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
The eagle preys on the chickens
Pad No.
LCD Pin No.
COM0
COM1
COM2
SEGMENT
51
¾¾
COM2
COM2
26
2
4d
4a
4g
SEG0
27
3
M2
4f
4e
SEG1
28
4
M1
3b
3c
SEG2
29
5
3d
3a
3g
SEG3
30
6
3e
le
3f
SEG4
31
7
2e
SC
2f
SEG5
32
8
1c
HI-
1b
SEG6
33
9
1d
1a
1g
SEG7
34
10
¾
1f
1e
SEG8
35
11
2d
2a
2g
SEG9
36
12
G4
2b
2c
SEG10
37
13
G3
H3
W3
SEG11
38
14
G2
H2
W2
SEG12
39
15
G1
H1
G9
SEG13
40
16
S
4b
4c
SEG14
41
17
G8
GO
PA
SEG15
42
18
H16
W12
W4
SEG16
43
19
G16
H12
W8
SEG17
44
20
H15
H8
W11
SEG18
45
21
G15
H4
G12
SEG19
46
22
W10
H11
W7
SEG20
47
23
H14
H7
G14
SEG21
48
24
H13
W9
G11
SEG22
49
25
G7
H10
W6
SEG23
50
26
G13
H6
G10
SEG24
51
27
G6
H9
W5
SEG25
52
28
G5
H5
W1
SEG26
7
29
COM0
¾¾
COM0
630
¾
COM1
¾
COM1
HTG1395
13
August 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com