Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT41486 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # AT41486
Description  Up to 6 GHz Low Noise Silicon Bipolar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41486 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  AT41486 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT41486 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT41486 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41486 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41486 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-129
Up to 6 GHz Low Noise
Silicon Bipolar Transistor
Technical Data
Features
• Low Noise Figure:
1.4 dB Typical at 1.0 GHz
1.7 dB Typical at 2.0 GHz
• High Associated Gain:
18.0 dB Typical at 1.0 GHz
13.0 dB Typical at 2.0 GHz
• High Gain-Bandwidth
Product: 8.0 GHz Typical fT
• Surface Mount Plastic
Package
• Tape-and-Reel Packaging
Option Available[1]
AT-41486
86 Plastic Package
Note:
1. Refer to “Tape-and-Reel Packaging for
Semiconductor Devices”.
Description
Hewlett-Packard’s AT-41486 is a
general purpose NPN bipolar
transistor that offers excellent
high frequency performance. The
AT-41486 is housed in a low cost
surface mount .085" diameter
plastic package. The 4 micron
emitter-to-emitter pitch enables
this transistor to be used in many
different functions. The 14 emitter
finger interdigitated geometry
yields an intermediate sized
transistor with impedances that
are easy to match for low noise
and moderate power applications.
Applications include use in
wireless systems as an LNA, gain
stage, buffer, oscillator, and
mixer. An optimum noise match
near 50
Ω at 900 MHz, makes this
device easy to use as a low noise
amplifier.
The AT-41486 bipolar transistor is
fabricated using Hewlett-Packard’s
10 GHz fT Self-Aligned-Transistor
(SAT) process. The die is nitride
passivated for surface protection.
Excellent device uniformity,
performance and reliability are
produced by the use of ion-
implantation, self-alignment
techniques, and gold metalization
in the fabrication of this device.
1
4
3
2
EMITTER
BASE
EMITTER
COLLECTOR
PinConnections
5965-8928E


Similar Part No. - AT41486

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT41485 HP-AT41485 Datasheet
44Kb / 6P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results

Similar Description - AT41486

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41410 HP-AT-41410 Datasheet
55Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41435 HP-AT-41435 Datasheet
56Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41470 HP-AT-41470 Datasheet
55Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41485 HP-AT-41485 Datasheet
54Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT41485 HP-AT41485 Datasheet
44Kb / 6P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-41535 AVAGO-AT-41535 Datasheet
136Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41435G AVAGO-AT-41435G Datasheet
153Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41486 AVAGO-AT-41486 Datasheet
104Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Teledyne Technologies I...
PHT41410B TELEDYNE-PHT41410B Datasheet
142Kb / 2P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
PHT41435B TELEDYNE-PHT41435B Datasheet
108Kb / 2P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com