Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT41533 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # AT41533
Description  General Purpose, Low Noise NPN Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41533 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  AT41533 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-136
Figure 9. AT-41511 and AT-41533
P1dB vs. Frequency and Bias at
VCE = 8 V, with Optimal Tuning.
Figure 8. AT-41511 and AT-41533
P1dB vs. Frequency and Bias at
VCE = 5 V, with Optimal Tuning.
Figure 7. AT-41511 and AT-41533
P1dB vs. Frequency and Bias at
VCE = 2.7 V, with Optimal Tuning.
0.1
20
0
FREQUENCY (GHz)
0.6
2.1
2.6
15
10
5
1.6
1.1
25 mA
10 mA
5 mA
0.1
20
0
FREQUENCY (GHz)
0.6
2.1
2.6
15
10
5
1.6
1.1
25 mA
10 mA
5 mA
0.1
20
0
FREQUENCY (GHz)
0.6
2.1
2.6
15
10
5
1.6
1.1
25 mA
10 mA
5 mA
AT-41511, AT-41533 Typical Performance
Figure 2. AT-41511 and AT-41533
Minimum Noise Figure vs. Frequency
and Current at VCE = 5 V.
Figure 1. AT-41511 and AT-41533
Minimum Noise Figure vs. Frequency
and Current at VCE = 2.7 V.
Figure 3. AT-41511 and AT-41533
Minimum Noise Figure vs. Frequency
and Current at VCE = 8 V.
0.1
3.0
0
FREQUENCY (GHz)
0.6
2.1
2.6
2.5
1.5
0.5
1.6
2.0
1.0
1.1
25 mA
10 mA
2, 5 mA
0.1
3.0
0
FREQUENCY (GHz)
0.6
2.1
2.6
2.5
1.5
0.5
1.6
2.0
1.0
1.1
25 mA
10 mA
5 mA
0.1
3.0
0
FREQUENCY (GHz)
0.6
2.1
2.6
2.5
1.5
0.5
1.6
2.0
1.0
1.1
25 mA
2 mA
10 mA
5 mA
0.1
20
0
FREQUENCY (GHz)
0.6
2.1
2.6
15
10
5
1.6
1.1
20
15
10
PKG 11
PKG 33
25
5
10, 25 mA
2 mA
5 mA
2 mA
5 mA
10, 25 mA
Figure 6. AT-41511 and AT-41533
Associated Gain vs. Frequency and
Current at VCE = 8 V.
Figure 5. AT-41511 and AT-41533
Associated Gain vs. Frequency and
Current at VCE = 5 V.
Figure 4. AT-41511 and AT-41533
Associated Gain vs. Frequency and
Current at VCE = 2.7 V.
0.1
20
0
FREQUENCY (GHz)
0.6
2.1
2.6
15
10
5
1.6
1.1
PKG 11
PKG 33
10, 25 mA
5 mA
10, 25 mA
5 mA
0.1
20
0
FREQUENCY (GHz)
0.6
2.1
2.6
15
10
5
1.6
1.1
PKG 11
PKG 33
10, 25 mA
5 mA
10, 25 mA
5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com