Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT41533 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # AT41533
Description  General Purpose, Low Noise NPN Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41533 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  AT41533 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT41533 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-134
General Purpose, Low Noise
NPN Silicon Bipolar Transistor
Technical Data
Features
• General Purpose NPN
Bipolar Transistor
• 900 MHz Performance:
AT-41511: 1 dB NF, 15.5 dB GA
AT-41533: 1 dB NF, 14.5 dB GA
• Characterized for 3, 5, and
8 Volt Use
• SOT-23 and SOT-143 SMT
Plastic Packages
• Tape-and-Reel Packaging
Option Available[1]
Description
Hewlett-Packard’s AT-41511 and
AT-41533 are general purpose
NPN bipolar transistors that offer
excellent high frequency
performance at an economical
price. The AT-41533 uses the
3 lead SOT-23, while the AT-415 11
places the same die in the lower
parasitic 4 lead SOT-143. Both
packages are industry standard,
and compatible with high volume
surface mount assembly
techniques.
The 4 micron emitter-to-emitter
pitch of these transistors yields
high performance products that
can perform a multiplicity of
tasks. The 14 emitter finger
interdigitated geometry yields an
intermediate-sized transistor with
easy to match to impedances, low
noise figure, and moderate
power.
Optimized for best performace
from a 5 to 8 volt bias supply,
these transistors are also good
performers at 2.7 V. Applications
include use in wireless systems as
an LNA, gain stage, buffer,
oscillator, or active mixer.
An optimum noise match near
50 ohms at 900 MHz makes these
devices particularly easy to use as
LNAs. Typical amplifier designs
at 900 MHz yield 1 dB noise
figures with 15 dB or more
associated gain at a 5 V, 5 mA
bias, with good gain and noise
figure obtainable at biases as low
as 2 mA.
The AT-415 series bipolar
transistors are fabricated using
Hewlett-Packard’s 10 GHz fT Self-
Aligned-Transistor (SAT) process.
The die are nitride passivated for
surface protection. Excellent
device uniformity, performance
and reliability are produced by
the use of ion-implantation, self-
alignment techniques, and gold
metalization in the fabrication of
these devices.
AT-41511
AT-41533
1. Refer to “Tape-and-Reel Packaging for
Semiconductor Devices.”
BASE
EMITTER
EMITTER COLLECTOR
BASE
EMITTER
COLLECTOR
415
415
SOT 23 (AT-41533)
SOT 143 (AT-41511)
Outline Drawing
5965-8929E


Similar Part No. - AT41533

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AT41533 ISC-AT41533 Datasheet
262Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - AT41533

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AT-41511 AVAGO-AT-41511 Datasheet
143Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistors Lead-free
logo
Infineon Technologies A...
BFP540FESD INFINEON-BFP540FESD_13 Datasheet
538Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-09-05
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-03
logo
AVAGO TECHNOLOGIES LIMI...
AT-41532 AVAGO-AT-41532 Datasheet
1Mb / 14P
General Purpose, Low Current NPN Silicon Bipolar Transistor
logo
Inchange Semiconductor ...
AT41511 ISC-AT41511 Datasheet
268Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
2SC5012 ISC-2SC5012 Datasheet
272Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
logo
AiT Semiconductor Inc.
BFG425W AITSEMI-BFG425W Datasheet
664Kb / 6P
GENERAL PURPOSE TRANSISTOR RF NPN TRANSISTOR MICROWAVE LOW NOISE
REV1.0
logo
Inchange Semiconductor ...
2SC5095 ISC-2SC5095 Datasheet
256Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com