Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2602 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL2602
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2602 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL2602 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 16Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Package Characteristics
All Typicals at TA = 25°C.
Parameter
Sym.
Package
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output
II-O*
Single 8-Pin DIP
1
µA
45% RH, t = 5 s,
20, 21
Insulation
Single SO-8
VI-O = 3 kV dc, TA = 25°C
Input-Output
VISO
8-Pin DIP, SO-8
3750
V rms
RH
≤ 50%, t = 1 min,
20, 21
Momentary With-
Widebody
5000
TA = 25°C
20, 22
stand Voltage**
OPT 020†
5000
Input-Output
RI-O
8-Pin DIP, SO-8
1012
Ω
VI-O = 500 V dc
1, 20,
Resistance
Widebody
1012
1013
TA = 25°C23
1011
TA = 100°C
Input-Output
CI-O
8-Pin DIP, SO-8
0.6
pF
f = 1 MHz, TA = 25°C
1, 20,
Capacitance
Widebody
0.5
0.6
23
Input-Input
II-I
Dual Channel
0.005
µA
RH
≤ 45%, t = 5 s,
24
Insulation
VI-I = 500 V
Leakage Current
Resistance
RI-I
Dual Channel
1011
Ω
24
(Input-Input)
Capacitance
CI-I
Dual 8-Pin DIP
0.03
pF
f = 1 MHz
24
(Input-Input)
Dual SO-8
0.25
*JEDEC registered data for the 6N137. The JEDEC Registration specifies 0
°C to 70°C. Agilent specifies -40°C to 85°C.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table
(if applicable), your equipment level safety specification or Agilent Application Note 1074 entitled “Optocoupler Input-Output
Endurance Voltage.”
†For 6N137, HCPL-2601/2611/2630/2631/4661 only.
Notes:
1. Each channel.
2. Peaking circuits may produce transient input currents up to 50 mA, 50 ns maximum pulse width, provided average current does
not exceed 20 mA.
3. Peaking circuits may produce transient input currents up to 50 mA, 50 ns maximum pulse width, provided average current does
not exceed 15 mA.
4. Derate linearly above 80
°C free-air temperature at a rate of 2.7 mW/°C for the SOIC-8 package.
5. Bypassing of the power supply line is required, with a 0.1
µF ceramic disc capacitor adjacent to each optocoupler as illustrated in
Figure 17. Total lead length between both ends of the capacitor and the isolator pins should not exceed 20 mm.
6. The JEDEC registration for the 6N137 specifies a maximum IOH of 250 µA. Agilent guarantees a maximum IOH of 100 µA.
7. The JEDEC registration for the 6N137 specifies a maximum ICCH of 15 mA. Agilent guarantees a maximum ICCH of 10 mA.
8. The JEDEC registration for the 6N137 specifies a maximum ICCL of 18 mA. Agilent guarantees a maximum ICCL of 13 mA.
9. The JEDEC registration for the 6N137 specifies a maximum IEL of –2.0 mA. Agilent guarantees a maximum IEL of -1.6 mA.
10. The tPLH propagation delay is measured from the 3.75 mA point on the falling edge of the input pulse to the 1.5 V point on the
rising edge of the output pulse.
11. The tPHL propagation delay is measured from the 3.75 mA point on the rising edge of the input pulse to the 1.5 V point on the
falling edge of the output pulse.
12. tPSK is equal to the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature and specified
test conditions.
13. See application section titled “Propagation Delay, Pulse-Width Distortion and Propagation Delay Skew” for more information.
14. The tELH enable propagation delay is measured from the 1.5 V point on the falling edge of the enable input pulse to the 1.5 V
point on the rising edge of the output pulse.
15. The tEHL enable propagation delay is measured from the 1.5 V point on the rising edge of the enable input pulse to the 1.5 V point
on the falling edge of the output pulse.
16. CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state
(i.e., VO > 2.0 V).
17. CML is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state
(i.e., VO < 0.8 V).
18. For sinusoidal voltages, (|dVCM | / dt)max = π fCMVCM(p-p).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com