Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2602 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # HCPL2602
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2602 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button HCPL2602 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCPL2602 Datasheet HTML 19Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
VCC = 5.0 V
IF = 7.5 mA
40
30
-20
20
60
100
TA – TEMPERATURE – °C
20
80
40
0
-40
10
RL = 350 Ω
RL = 1 kΩ
RL = 4 kΩ
0
-60
-10
Figure 8. Test Circuit for t
PHL and tPLH.
Figure 9. Typical Propagation Delay
vs. Temperature.
Figure 10. Typical Propagation Delay
vs. Pulse Input Current.
Figure 11. Typical Pulse Width
Distortion vs. Temperature.
Figure 12. Typical Rise and Fall Time
vs. Temperature.
VCC = 5.0 V
TA = 25°C
105
90
59
13
IF – PULSE INPUT CURRENT – mA
75
15
11
7
30
60
45
tPLH , RL = 4 KΩ
tPLH , RL = 1 KΩ
tPLH , RL = 350 Ω
tPHL , RL = 350 Ω
1 K
Ω
4 K
Ω
OUTPUT V
MONITORING
NODE
O
+5 V
7
5
6
8
2
3
4
1
PULSE GEN.
Z
= 50
Ω
t = t = 5 ns
O
f
IF
L
R
RM
CC
V
0.1µF
BYPASS
*CL
GND
INPUT
MONITORING
NODE
r
SINGLE CHANNEL
OUTPUT V
MONITORING
NODE
O
+5 V
7
5
6
8
2
3
4
1
PULSE GEN.
Z
= 50
Ω
t = t = 5 ns
O
f
IF
L
R
RM
CC
V
0.1µF
BYPASS
CL*
GND
INPUT
MONITORING
NODE
r
DUAL CHANNEL
1.5 V
tPHL
tPLH
IF
INPUT
O
V
OUTPUT
I
= 7.50 mA
F
I
= 3.75 mA
F
*CL IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
VCC = 5.0 V
IF = 7.5 mA
100
80
-60
-20
20
60
100
TA – TEMPERATURE – °C
60
80
40
0
-40
0
40
20
tPLH , RL = 4 KΩ
tPLH , RL = 1 KΩ
tPLH , RL = 350 Ω
tPHL , RL = 350 Ω
1 K
Ω
4 K
Ω
-60
0
TA – TEMPERATURE – °C
100
300
-20
40
20
60
-40
0
40
80
60
290
20
VCC = 5.0 V
IF = 7.5 mA
RL = 4 kΩ
RL = 1 kΩ
RL = 350 Ω, 1 kΩ, 4 kΩ
tRISE
tFALL
RL = 350 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com