Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEM8040C Datasheet(PDF) 1 Page - TOKO, Inc

Part # DEM8040C
Description  8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DEM8040C Datasheet(HTML) 1 Page - TOKO, Inc

  DEM8040C Datasheet HTML 1Page - TOKO, Inc DEM8040C Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DEM8030C / DEM8040C / DEM8045C
Inductance Range: 1.5~47
H(DEM8030C), 1.5~33H(DEM8040C), 1.5~47H(DEM8045C)
DEM8030C
DEM8040C / DEM8045C
(Unit: mm)
DEM8030C
DEM8040C / DEM8045C
(Unit: mm)
* : DEM8040C ; 4.0mm Max.
DEM8045C ; 4.5mm Max.
FEATURES
特長
 8.3 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.
 Magnetically shielded construction and low DC resistance.
 Suitable for large currents.
 RoHS compliant.
 Halogen Free
 8.3  8.3mm角Max. 高さ3.0, 4.0 および4.5mm Max.
 閉磁路構造、低直流抵抗
 大電流対応
 RoHS指令対応
 ハロゲンフリー
TOKO STANDARD PART NUMBERS
東光 標準品一覧
TYPE DEM8030C (Quantity/reel; 1000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
1273AS-H-1R5N
1.5
±30
10.0 (8.3)
7.5(10)
7.3(8.6)
1273AS-H-2R2N
2.2
±30
13.2 (11)
6.2(8.2)
6.5(7.7)
1273AS-H-3R3N
3.3
±30
19.2 (16)
5.2(6.9)
5.4(6.3)
1273AS-H-4R7N
4.7
±30
22.8 (19)
4.4(5.9)
4.9(5.8)
1273AS-H-6R8N
6.8
±30
37.2 (31)
3.4(4.5)
3.7(4.4)
1273AS-H-100M
10
±20
54.0 (45)
2.9(3.8)
3.1(3.6)
1273AS-H-150M
15
±20
78.0 (65)
2.4(3.2)
2.6(3.1)
1273AS-H-220M
22
±20
126.0 (105)
2.0 (2.7)
2.0 (2.4)
1273AS-H-330M
33
±20
174.0 (145)
1.6 (2.1)
1.9 (2.2)
1273AS-H-470M
47
±20
289.0 (241)
1.3(1.7)
1.3(1.5)
continued on next page
次頁へ続く
L
L
Ferrite Inductors
フェライトインダクタ
Recommended patterns
推奨パターン図


Similar Part No. - DEM8040C

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM8040C TOKO-DEM8040C_16 Datasheet
317Kb / 1P
Ferrite Inductors
More results

Similar Description - DEM8040C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAS19D17C SUMIDA-CAS19D17C Datasheet
31Kb / 1P
19.0횞5.3mm Max.(L횞W),1.9mm Max. Height
BM8290 SUMIDA-BM8290 Datasheet
208Kb / 1P
9.25횞8.05mm Max.(L횞W),8.85mm Max. Height.
CDH20D10 SUMIDA-CDH20D10_10 Datasheet
434Kb / 4P
Small size inductor 2.2mm Max square and 1.1mm Max height
logo
Shenzhen Luguang Electr...
FT-12N-65ME LUGUANG-FT-12N-65ME Datasheet
181Kb / 1P
30Vp-p Square Wave MAX.
FT-12T-66ME LUGUANG-FT-12T-66ME Datasheet
155Kb / 1P
30Vp-p Square Wave MAX.
GSK-2320TE-LZ105 LUGUANG-GSK-2320TE-LZ105 Datasheet
96Kb / 1P
30Vp-p max. square Wave
logo
List of Unclassifed Man...
PCMB104T ETC2-PCMB104T Datasheet
627Kb / 1P
Low profile (3.0 mm max) and small size (7.3mm x 6.6mm)
logo
TOKO, Inc
DEM3512C TOKO-DEM3512C Datasheet
110Kb / 2P
Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
DEM10050C TOKO-DEM10050C Datasheet
107Kb / 1P
10.3 x 10.3mm Max. square, 5.0mm Max. height.
DG6045C TOKO-DG6045C Datasheet
88Kb / 1P
Low Profile (H 4.5mm Max).
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com