Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1231AS-H-R56N Datasheet(PDF) 2 Page - TOKO, Inc

Part # 1231AS-H-R56N
Description  Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1231AS-H-R56N Datasheet(HTML) 2 Page - TOKO, Inc

  1231AS-H-R56N Datasheet HTML 1Page - TOKO, Inc 1231AS-H-R56N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
前頁より続く
TOKO STANDARD PART NUMBERS
東光 標準品一覧
TYPE DEM3518C (Quantity/reel; 2,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
1231AS-H-R56N
0.56
 30
29 (24)
3.30 (4.40)
3.40 (4.00)
1231AS-H-1R2N
1.2
 30
36 (30)
2.40 (3.20)
2.90 (3.40)
1231AS-H-1R5N
1.5
 30
42 (35)
2.10 (2.75)
2.70 (3.20)
1231AS-H-2R2M
2.2
 20
48 (40)
1.90 (2.55)
2.55 (3.00)
1231AS-H-3R3M
3.3
 20
60 (50)
1.60 (2.10)
2.25 (2.70)
1231AS-H-4R7M
4.7
 20
72 (60)
1.35 (1.75)
2.00 (2.45)
1231AS-H-6R4M
6.4
 20
102 (85)
1.15 (1.50)
1.65 (2.00)
1231AS-H-100M
10
 20
174 (145)
0.90 (1.20)
1.25 (1.50)
1231AS-H-120M
12
 20
186 (155)
0.85 (1.15)
1.20 (1.45)
1231AS-H-150M
15
 20
222 (185)
0.80 (1.05)
1.10 (1.30)
1231AS-H-220M
22
 20
342 (285)
0.65 (0.84)
0.88 (1.05)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、
コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを基
準とする。)
L
L
Ferrite Inductors
フェライトインダクタ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com