Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1231AS-H-R56N Datasheet(PDF) 1 Page - TOKO, Inc

Part # 1231AS-H-R56N
Description  Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1231AS-H-R56N Datasheet(HTML) 1 Page - TOKO, Inc

  1231AS-H-R56N Datasheet HTML 1Page - TOKO, Inc 1231AS-H-R56N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DEM3512C/DEM3518C
Inductance Range: 0.68~22
H (DEM3512C), 0.56~22H (DEM3518C)
DEM3512C
DEM3518C
(Unit: mm)
(Unit: mm)
*DEM3512C: 1.2mm Max.
DEM3518C: 1.8mm Max.
FEATURES
特長
 Low profile (3.5  3.7mm square, 1.2 and 1.8mm Max.
height).
 Magnetically shielded construction and low DC resistance.
 Ideal for a variety of DC-DC converter inductor applications.
 RoHS compliant.
 小型薄形構造(3.5  3.7mm角, 高さ1.2および1.8mm Max.)
 閉磁路構造、低直流抵抗
 各種機器のDC-DCコンバータ用インダクタに最適
 RoHS指令対応
TOKO STANDARD PART NUMBERS
東光 標準品一覧
TYPE DEM3512C (Quantity/reel; 2,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
1229AS-H-R68N
0.68
 30
52 (43)
2.50 (3.30)
2.25 (2.65)
1229AS-H-1R0N
1.0
 30
65 (54)
2.05 (2.75)
1.85 (2.20)
1229AS-H-1R5N
1.5
 30
75 (62)
1.65 (2.20)
1.80 (2.10)
1229AS-H-2R0M
2.0
 20
88 (73)
1.50 (2.00)
1.70 (2.00)
1229AS-H-3R3M
3.3
 20
96 (80)
1.30 (1.75)
1.65 (1.95)
1229AS-H-4R7M
4.7
 20
126 (105)
1.10 (1.45)
1.35 (1.60)
1229AS-H-6R8M
6.8
 20
192 (160)
0.90 (1.20)
1.20 (1.40)
1229AS-H-100M
10
 20
288 (240)
0.75 (1.00)
0.85 (1.00)
1229AS-H-120M
12
 20
336 (280)
0.65 (0.87)
0.79 (0.93)
1229AS-H-150M
15
 20
408 (340)
0.59 (0.78)
0.72 (0.84)
1229AS-H-220M
22
 20
672 (560)
0.50 (0.66)
0.53 (0.62)
continued on next page
次頁へ続く
L
L
Recommended patterns
推奨パターン図
Ferrite Inductors
フェライトインダクタ


Similar Part No. - 1231AS-H-R56N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1231AS-H-R56N TOKO-1231AS-H-R56N Datasheet
250Kb / 1P
Ideal for a variety of DC-DC converter inductor applications
1231AS-H-R56N TOKO-1231AS-H-R56N Datasheet
250Kb / 1P
Ferrite Inductors
logo
Murata Manufacturing Co...
1231AS-H-R56N MURATA-1231AS-H-R56N Datasheet
740Kb / 2P
Inductor
More results

Similar Description - 1231AS-H-R56N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP2 PANASONIC-EVQP2 Datasheet
123Kb / 2P
4.7 X 3.5 mm Square Light Touch Switches
logo
MTRONPTI
PP MTRONPTI-PP_08 Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
logo
ALPS ELECTRIC CO.,LTD.
SKRW ALPS-SKRW Datasheet
196Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
logo
Sumida Corporation
CDH20D10 SUMIDA-CDH20D10_10 Datasheet
434Kb / 4P
Small size inductor 2.2mm Max square and 1.1mm Max height
logo
Murata Manufacturing Co...
LQH55PN1R2NR0L MURATA-LQH55PN1R2NR0L Datasheet
237Kb / 7P
1616 size (4.0x4.0mm) Height 1.8mm max.
logo
List of Unclassifed Man...
PCMB104E ETC2-PCMB104E Datasheet
627Kb / 1P
Low profile (3.0mm max) and small size (7.3mm x 6.6mm)
logo
TOKO, Inc
DEM2810C TOKO-DEM2810C Datasheet
121Kb / 2P
Low profile (2.8 x 3.0mm square, 1.0/1.2/1.5/1.8mm
DEM8030C TOKO-DEM8030C Datasheet
124Kb / 2P
8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.
DEM10050C TOKO-DEM10050C Datasheet
107Kb / 1P
10.3 x 10.3mm Max. square, 5.0mm Max. height.
logo
ALPS ELECTRIC CO.,LTD.
SKRW ALPS-SKRW_15 Datasheet
721Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com