Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRR1-2321 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # DRR1-2321
Description  Digital Radio Receiver Down Converter Modules for 21.2 to 23.6 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

DRR1-2321 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  DRR1-2321 Datasheet HTML 1Page - Agilent(Hewlett-Packard) DRR1-2321 Datasheet HTML 2Page - Agilent(Hewlett-Packard) DRR1-2321 Datasheet HTML 3Page - Agilent(Hewlett-Packard) DRR1-2321 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8-7
Case Dimensions (specified in inches)
1.250
11x .200
2.700
3.50
1.10
8x .100
1.70
2.35
.120
11x .220
11x Ø .025
.670
.170
.420
.640
4X 4-40 UNC-2B
.120
DETAIL A
SEE DETAIL A
.820
6x Ø
.125
.120 THRU
.445
.500
.500
.445
DRRI-23XX
S/N XXXX
H
2.430
.40 MAX
.375
Ø .067
±.001
.100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com