Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRR1-2321 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # DRR1-2321
Description  Digital Radio Receiver Down Converter Modules for 21.2 to 23.6 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

DRR1-2321 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  DRR1-2321 Datasheet HTML 1Page - Agilent(Hewlett-Packard) DRR1-2321 Datasheet HTML 2Page - Agilent(Hewlett-Packard) DRR1-2321 Datasheet HTML 3Page - Agilent(Hewlett-Packard) DRR1-2321 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
8-5
DRR1-23XX Absolute Maximum Ratings (TA = -30 to +70ºC)
Parameters
Units
Ratings
DC Circuit Power +8.5
Volts
10
+5.0
Volts
+5.5
-5.0
Volts
-5.5
Tuning Voltage
Volts
14
Notes:
1.
Operation in excess of any one of these parameters may result in permanent
damage.
2.
A thermal interface medium must be used between the bottom of the
package and its mating surface to ensure optimum heat transfer.
DRR1-23XX Electrical Characteristics
Parameters
Units
Min.
Typ.
Max.
RF Tuning Range
GHz
21.2
23.6
IF Frequency
MHz
630 or 1260
IF Bandwidth
MHz
±20
LO Frequency
GHz
20.57
22.97
or 19.94
or 22.34
Gain
dB
18
26
Gain Flatness over 300 MHz
dB
±1
Noise Figure
dB
4.5
5.5
Operating Temperature Range
°C
-30
70
Storage Temperature Range
°C
-45
85
Power Input at P-1dB
dBm
-22
-17
LO Leakage at I[1]
dBm
-15
LO Leakage at R[2]
dBm
-15
Return Loss RF Port
dB
12
Return Loss IF Port
dB
14
Image Rejection
dB
12
15
Sample Out Frequency
MHz
857
957
or 831
or 931
Sample Out Power
dBm
-10
0
Spurious Output[3]
dBc
-60
Phase Noise @ 100 KHz
dBc/Hz
-85
-82
Tuning Voltage
V
1
12
Input Capacitance, Nom
pf
1,000
LO Tuning Sensitivity
MHz/V
300
500
LO Tuning Sensitivity Variation
1.5 : 1
2.0:1
DC Circuit Power: 8.5 Volts
mA
300
5 Volts
mA
400
-5 Volts
mA
30
Case Dimensions
inches
3.5 x 1.25 x 0.40
Max Power at Input/no damage
dBm
10
Humidity
Non Condensing
%
85
Condensing
%
95
Connectors
WR 42 or SMA
Notes:
1.
LO and Harmonic/sub-harmonic leakage at I with RF terminated into a 50
Ω load.
2.
LO and Harmonic/sub-harmonic leakage at R up to 50 GHz.
3.
Measured at IF port within the IF bandwidth with single tone RF input of < - 20 dBm.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com